Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KS57P4304 Datasheet(PDF) 7 Page - Samsung semiconductor

Part # KS57P4304
Description  The KS57C4104/KS57C4204/KS57C4304 single-chip CMOS microcontroller has been designed for very high performance using Samsungs newest 4-bit CPU core, S
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KS57P4304 Datasheet(HTML) 7 Page - Samsung semiconductor

Back Button KS57P4304 Datasheet HTML 3Page - Samsung semiconductor KS57P4304 Datasheet HTML 4Page - Samsung semiconductor KS57P4304 Datasheet HTML 5Page - Samsung semiconductor KS57P4304 Datasheet HTML 6Page - Samsung semiconductor KS57P4304 Datasheet HTML 7Page - Samsung semiconductor KS57P4304 Datasheet HTML 8Page - Samsung semiconductor KS57P4304 Datasheet HTML 9Page - Samsung semiconductor KS57P4304 Datasheet HTML 10Page - Samsung semiconductor KS57P4304 Datasheet HTML 11Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
KS57C4104/P4104/C4204/P4204/C4304/P4304
ELECTRICAL DATA
14-5
Table 14-3. KS57C4104/C4204 System Clock Oscillator Characteristics
(T
A = – 40
°C to + 85 °C, V
DD = 1.8 V to 5.5 V)
Oscillator
Clock
Configuration
Parameter
Test Condition
Min
Typ
Max
Units
Ceramic
Oscillator
Xin
Xout
C1
C2
Oscillation frequency (1)
VDD = 2.7 V to 5.5 V
0.4
6.0
MHz
VDD = 2.0 V to 5.5 V
0.4
4.2
VDD = 1.8 V to 5.5 V
0.4
3.0
Stabilization time (2)
VDD = 3.0 V
4
ms
Crystal
Oscillator
Xin
Xout
C1
C2
Oscillation frequency (1)
VDD = 2.7 V to 5.5 V
0.4
6.0
MHz
VDD = 2.0 V to 5.5 V
0.4
4.2
VDD = 1.8 V to 5.5 V
0.4
3.0
Stabilization time (2)
VDD = 3.0 V
10
ms
External
Clock
Xin
Xout
X
IN input frequency
(1)
VDD = 2.7 V to 5.5 V
0.4
6.0
MHz
VDD = 2.0 V to 5.5 V
0.4
4.2
VDD = 1.8 V to 5.5 V
0.4
3.0
X
IN input high and low
level width (tXH, tXL)
83.3
1250
ns
RC
Oscillator
Xin
Xout
R
Oscillation frequency
limitation
V
DD = 5 V
R = 8.2 K
4
MHz
NOTES:
1.
Oscillation frequency and Xin input frequency data are for oscillator characteristics only.
2.
Stabilization time is the interval required for oscillating stabilization after a power-on occurs, or when stop mode is
terminated.


Similar Part No. - KS57P4304

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KS57P0504 SAMSUNG-KS57P0504 Datasheet
1Mb / 282P
   The KS57P0504 is the microcontroller which has 4 Kbyte one-time-programmable ROM and the functions are the same to KS57C0502/C0504
KS57P21132 SAMSUNG-KS57P21132 Datasheet
208Kb / 38P
   The KS57C21116/C21124/C21132 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Sams
KS57P21408 SAMSUNG-KS57P21408 Datasheet
238Kb / 30P
   The KS57C21408/C21418/P21408 is a SAM47 core-based 4-bit CMOS single-chip microcontroller. It has a timer/counter and LCD drivers.
KS57P21632 SAMSUNG-KS57P21632 Datasheet
181Kb / 27P
   KS57C21632 offers an excellent design solution for a high-end LCD game.
KS57P2304 SAMSUNG-KS57P2304 Datasheet
1Mb / 295P
   MICROCONTROLLER
More results

Similar Description - KS57P4304

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KS57C0301 SAMSUNG-KS57C0301 Datasheet
182Kb / 28P
   The KS57C0301/0302 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core.
S3C7324 SAMSUNG-S3C7324 Datasheet
273Kb / 37P
   The S3C7324 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47
S3C7031 SAMSUNG-S3C7031 Datasheet
154Kb / 25P
   The S3C7031/7032 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core.
S3C7335 SAMSUNG-S3C7335 Datasheet
284Kb / 41P
   The S3C7335 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47
KS57C0404 SAMSUNG-KS57C0404 Datasheet
427Kb / 38P
   The KS57C0404/C0408 single-chip CMOS microcontroller has been designed for very high-performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung
S3C7414 SAMSUNG-S3C7414 Datasheet
345Kb / 50P
   The S3C7414/C7424/C7434 single-chip CMOS microcontroller has been designed for very high performance using Samsungs newest 4-bit CPU core, SAM47
S3C7515 SAMSUNG-S3C7515 Datasheet
287Kb / 42P
   The S3C7515/P7515 single-chip CMOS microcontroller has been designed for high-performance using Samsungs newest 4-bit CPU core, SAM47
KS57C3316 SAMSUNG-KS57C3316 Datasheet
361Kb / 58P
   The KS57C3316 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable
S3C7044 SAMSUNG-S3C7044 Datasheet
249Kb / 38P
   The S3C7044/C7048 single-chip CMOS microcontroller has been designed for very high-performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Ar
KS57C21832 SAMSUNG-KS57C21832 Datasheet
274Kb / 34P
   The KS57C21832 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeabl
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com