Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KS57P5312 Datasheet(PDF) 1 Page - Samsung semiconductor

Part # KS57P5312
Description  The KS57C5204/C5208/C5304/C5308/C5312 single-chip CMOS microcontroller has been designed for highperformance using SAM 47 Samsung Arrangeable Microcon
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KS57P5312 Datasheet(HTML) 1 Page - Samsung semiconductor

  KS57P5312 Datasheet HTML 1Page - Samsung semiconductor KS57P5312 Datasheet HTML 2Page - Samsung semiconductor KS57P5312 Datasheet HTML 3Page - Samsung semiconductor KS57P5312 Datasheet HTML 4Page - Samsung semiconductor KS57P5312 Datasheet HTML 5Page - Samsung semiconductor KS57P5312 Datasheet HTML 6Page - Samsung semiconductor KS57P5312 Datasheet HTML 7Page - Samsung semiconductor KS57P5312 Datasheet HTML 8Page - Samsung semiconductor KS57P5312 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
KS57C5204/C5208/P5208/C5304/C5308/P5308/C5312/P5312PRODUCT OVERVIEW
1-1
1
PRODUCT OVERVIEW
OVERVIEW
The KS57C5204/C5208/C5304/C5308/C5312 single-chip CMOS microcontroller has been designed for high-
performance using SAM 47 (Samsung Arrangeable Microcontrollers). SAM 47, Samsung's newest 4-bit CPU core
is notable for its low energy consumption and low operating voltage.
You can select from three ROM sizes: 4K, 8K, or 12K bytes.
Except for the difference in ROM size, the features and functions of the KS57C5204 and the KS57C5208 are
identical and the KS57C5304, KS57C5308, and the KS57C5312 are identical.
With it's DTMF generator, watchdog timer function, and versatile 8-bit timer/counters, the KS57C5204/C5208
/C5304/C5308/C5312 offers an excellent design solution for a wide variety of telecommunication applications.
Up to 35 pins of the available 42-pin SDIP or 44-pin QFP package for the KS57C5204/C5208, and up to 23 pins
of the available 30-pin SDIP or 32-pin SOP package for the KS57C5304/C5308/C5312 can be assign to I/O. Six
vectored interrupts for KS57C5204/C5208 and four vectored interrupts for KS57C5304/C5308/C5312 provide fast
response to internal and external events. In addition, the KS57C5204/C5208/C5304/C5308/C5312's advanced
CMOS technology provides for low power consumption and a wide operating voltage range.
OTP
The KS57C5204/C5208 microcontroller is also available in OTP (One Time Programmable) version, KS57P5208.
The KS57C5304/C5308/C5312 microcontroller is also available in OTP (One Time Programmable) version,
KS57P5308/P5312. The KS57P5208/P5308/P5312 microcontroller has an on-chip 8K-byte (P5208/P5308) or
12K-byte (P5312) one-time-programable EPROM instead of masked ROM. The KS57P5208 is comparable to
KS57C5204/C5208, both in function and in pin configuration. Also, the KS57P5308/P5312 is comparable to the
KS57C5304/C5308/C5312, both in function and in pin configuration.


Similar Part No. - KS57P5312

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KS57P5404 SAMSUNG-KS57P5404 Datasheet
228Kb / 28P
   The KS57C5404 single-chip CMOS microcontroller is designed for high-performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable Micro
KS57P5532 SAMSUNG-KS57P5532 Datasheet
363Kb / 38P
   The KS57C5532/P5532 single-chip CMOS microcontroller has been designed for high-performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arran
KS57P5616 SAMSUNG-KS57P5616 Datasheet
357Kb / 42P
   The KS57C5616/P5616 single-chip CMOS microcontroller is designed for high performance in the application for Caller-ID, Telephone using Samsungs newes
More results

Similar Description - KS57P5312

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3C7524 SAMSUNG-S3C7524 Datasheet
226Kb / 34P
   The S3C7524/C7528/C7534/C7538 single-chip CMOS microcontroller has been designed for high-performance using SAM 47
KS57C3316 SAMSUNG-KS57C3316 Datasheet
361Kb / 58P
   The KS57C3316 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable
KS57C3204 SAMSUNG-KS57C3204 Datasheet
306Kb / 38P
   The KS57C3204 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable
KS57C2916 SAMSUNG-KS57C2916 Datasheet
154Kb / 35P
   The KS57C2916 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable
S3C72G9 SAMSUNG-S3C72G9 Datasheet
181Kb / 28P
   The S3C72G9 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable M
S3C72I9 SAMSUNG-S3C72I9 Datasheet
218Kb / 32P
   The S3C72I9 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable M
S3C7295 SAMSUNG-S3C7295 Datasheet
207Kb / 31P
   The S3C7295 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable M
S3C72C8 SAMSUNG-S3C72C8 Datasheet
237Kb / 37P
   The S3C72C8 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable M
S3C72F5 SAMSUNG-S3C72F5 Datasheet
263Kb / 41P
   The S3C72F5 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable M
S3C72P9 SAMSUNG-S3C72P9 Datasheet
1Mb / 225P
   SINGLE-CHIP MICROCONTROLLER HAS BEEN DESIGNED FOR HIGH PERFORMANCE USING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com