Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

43810-0360 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 43810-0360
Description  4.20mm (.165") Pitch Mini-Fit BMI??Surface Mount Compatible Header, Dual Row,Right Angle, 18 Circuits, 6.35mm (.250") PCB Thickness, with Snap-In Metal Pins, PA Polyamide Nylon 4/6
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX6 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

43810-0360 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  43810-0360 Datasheet HTML 1Page - Molex Electronics Ltd. 43810-0360 Datasheet HTML 2Page - Molex Electronics Ltd. 43810-0360 Datasheet HTML 3Page - Molex Electronics Ltd. 43810-0360 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 05/14/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0438100360
Status:
Active
Description:
4.20mm (.165") Pitch Mini-Fit BMI™ Surface Mount Compatible Header, Dual Row,
Right Angle, 18 Circuits, 6.35mm (.250") PCB Thickness, with Snap-In Metal Pins, PA
Polyamide Nylon 4/6, UL 94V-0, with Tin (Sn) Over Nickel (Ni) Plating
Documents:
3D Model
Product Specification PS-43810-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Headers
Series
43810
Application
Board-to-Board, Wire-to-Board
Comments
Current = 13A max. per circuit when header is mated
to a receptacle loaded with 45750 Mini-Fit Plus HCS™
Crimp Terminal Crimpted to to 16 AWG wire. . See
Molex product specification PS-45750-001 for additional
current de-rating information.
Product Name
Mini-Fit SMC™
Physical
Breakaway
No
Circuits (Loaded)
18
Circuits (maximum)
18
Color - Resin
Black
Durability (mating cycles max)
30
Flammability
94V-0
Glow-Wire Compliant
No
Guide to Mating Part
Yes
Lock to Mating Part
Yes
Material - Metal
Brass
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Number of Rows
2
Orientation
Right Angle
PC Tail Length (in)
0.200 In
PC Tail Length (mm)
5.08 mm
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness Recommended (in)
0.125 In
PCB Thickness Recommended (mm)
3.20 mm
Packaging Type
Tray
Pitch - Mating Interface (in)
0.165 In
Pitch - Mating Interface (mm)
4.20 mm
Plating min: Mating (µin)
100
Plating min: Mating (µm)
2.54
Plating min: Termination (µin)
100
Plating min: Termination (µm)
2.54
Polarized to Mating Part
Yes
Polarized to PCB
Yes
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
43810Series
Mates With
15-06-0181 Mini-Fit BMI™ Panel Mount
Receptacle, 39-01-2185 Mini-Fit Jr.™
Receptacle, 15-24-7181 Mini-Fit BMI™
Receptacle Header, 44516-0009 Mini-
Fit BMI™ Slide and Lock Panel Mount
Receptacle


Similar Part No. - 43810-0360

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
43810-0360 MOLEX-43810-0360 Datasheet
437Kb / 2P
   MINI-FIT JR BMI RIGHT ANGLE HEADER ASM FOR 6.35/.250 THK. PCB
2012/01/19
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com