Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

49626-1082 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 49626-1082
Description  4.20mm (.165") Wire-to-Wire Lower TPA??for Male Housing, 10 Circuits
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX6 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

49626-1082 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  49626-1082 Datasheet HTML 1Page - Molex Electronics Ltd. 49626-1082 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 04/06/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0496261082
Status:
Active
Description:
4.20mm (.165") Wire-to-Wire Lower TPA™ for Male Housing, 10 Circuits
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Crimp Housings
Series
49626
Product Name
N/A
Physical
Circuits (maximum)
10
Circuits Detail
10
Color - Resin
Red
Gender
Male
Glow-Wire Compliant
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Resin
Nylon
Number of Rows
1
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface (in)
0.165 In
Pitch - Mating Interface (mm)
4.20 mm
Polarized to Mating Part
Yes
Stackable
No
Temperature Range - Operating
-40°C to +105°C
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-49626-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
49626Series
Mates With
4.20mm (.165") Wire-to-Wire Male TPA™
49623
This document was generated on 04/06/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 49626-1082

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
49626-1082 MOLEX11-49626-1082 Datasheet
38Kb / 1P
   4.20mm Wire-to-Wire Lower TPA for Male Housing, 10 Circuits
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com