Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0476370001 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0476370001
Description  2.54mm (.100") Low Profile SIM Card Connector, 6 Circuits, SMT, with Guide Rail, Housing Height 2.00mm (.079"), Lead Free
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX6 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

0476370001 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0476370001 Datasheet HTML 1Page - Molex Electronics Ltd. 0476370001 Datasheet HTML 2Page - Molex Electronics Ltd. 0476370001 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
This document was generated on 05/24/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0476370001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0476301000 MOLEX6-0476301000 Datasheet
164Kb / 3P
   0.50mm (.020") Pitch HDMI* Receptacle, Right Angle, Mid-Mount, 0.76關m (30關") Gold (Au) Plating, Shell Nickel (Ni) Plated, Tape and Reel Package, 19 Circuits, Lead Free
0476301010 MOLEX6-0476301010 Datasheet
164Kb / 3P
   0.50mm (.020") Pitch HDMI Receptacle, Right Angle, Mid-Mount, 0.76um (30u") Gold (Au) Plating, Shell Nickel (Ni)
0476301012 MOLEX6-0476301012 Datasheet
161Kb / 3P
   0.50mm (.020") Pitch HDMI Receptacle, Right Angle, Mid-Mount, with Through Hole Solder Tabs, Gold (Au)
0476311000 MOLEX6-0476311000 Datasheet
167Kb / 3P
   0.50mm (.020") Pitch HDMI* Receptacle, Vertical, SMT, 0.76關m (30關") Gold (Au) Plating, with side Flanges and Pick-and-Place Cover, 19 Circuits, Tray Packaging, Lead free
0476312000 MOLEX6-0476312000 Datasheet
167Kb / 3P
   0.50mm (.020") Pitch HDMI Receptacle, Vertical, SMT, 0.38um (15u") Gold (Au) Plating, with side Flanges
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com