Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KS88P01416 Datasheet(PDF) 6 Page - Samsung semiconductor

Part # KS88P01416
Description  KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals and various mask-progra
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KS88P01416 Datasheet(HTML) 6 Page - Samsung semiconductor

Back Button KS88P01416 Datasheet HTML 2Page - Samsung semiconductor KS88P01416 Datasheet HTML 3Page - Samsung semiconductor KS88P01416 Datasheet HTML 4Page - Samsung semiconductor KS88P01416 Datasheet HTML 5Page - Samsung semiconductor KS88P01416 Datasheet HTML 6Page - Samsung semiconductor KS88P01416 Datasheet HTML 7Page - Samsung semiconductor KS88P01416 Datasheet HTML 8Page - Samsung semiconductor KS88P01416 Datasheet HTML 9Page - Samsung semiconductor KS88P01416 Datasheet HTML 10Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
PRODUCT OVERVIEW
KS88C01416/P01416/C01424/P01424 (Preliminary Spec)
1-6
PIN CIRCUITS
PULL-UP RESISTOR
(Typical 21 K
Ω)
VDD
I/O
VSS
DATA
PULL-UP
ENABLE
NORMAL
INPUT
OUTPUT
DISABLE
VDD
INTERRUPT INPUT
IRQ6,7 (INT0-4)
Oscillator Release (SED and R circuit)
STOP
NOISE
FILTER
To prevent and recover from abnormal stop status caused by battery bouncing, the KS88P01416
has a special logic −SED and R circuit −related to P0 and P1. This is a specific function for key
input/output of universal remote controller. When these ports (P0, P1) are used as a normal
input pin, unexpected stop mode recovery can occur by input level switching. Hence, the user
should be aware of input level switching, if P0 and P1 are to be used as normal input ports.
NOTE:
Figure 1-4. Pin Circuit Type 1 (Port 0)


Similar Part No. - KS88P01416

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KS88P0716 SAMSUNG-KS88P0716 Datasheet
229Kb / 30P
   SAM87 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-prog
KS88P0916 SAMSUNG-KS88P0916 Datasheet
379Kb / 32P
   KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-progr
More results

Similar Description - KS88P01416

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KS88C2148 SAMSUNG-KS88C2148 Datasheet
300Kb / 34P
   KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-progr
KS88C2416 SAMSUNG-KS88C2416 Datasheet
208Kb / 32P
   KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-progr
KS88C01016 SAMSUNG-KS88C01016 Datasheet
117Kb / 18P
   KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-progr
KS88C2064 SAMSUNG-KS88C2064 Datasheet
156Kb / 22P
   KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-progr
KS88C0916 SAMSUNG-KS88C0916 Datasheet
379Kb / 32P
   KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-progr
KS86C6308 SAMSUNG-KS86C6308 Datasheet
193Kb / 28P
   SAM88RCRI family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-
KS88C0716 SAMSUNG-KS88C0716 Datasheet
229Kb / 30P
   SAM87 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-prog
KS86C4004 SAMSUNG-KS86C4004 Datasheet
250Kb / 34P
   SAM87Ri family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-pr
KS86C6404 SAMSUNG-KS86C6404 Datasheet
193Kb / 28P
   SAM87RI family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-pr
KS88C6108 SAMSUNG-KS88C6108 Datasheet
260Kb / 26P
   SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-progr
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com