Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KS88P0716 Datasheet(PDF) 3 Page - Samsung semiconductor

Part # KS88P0716
Description  SAM87 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-prog
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KS88P0716 Datasheet(HTML) 3 Page - Samsung semiconductor

  KS88P0716 Datasheet HTML 1Page - Samsung semiconductor KS88P0716 Datasheet HTML 2Page - Samsung semiconductor KS88P0716 Datasheet HTML 3Page - Samsung semiconductor KS88P0716 Datasheet HTML 4Page - Samsung semiconductor KS88P0716 Datasheet HTML 5Page - Samsung semiconductor KS88P0716 Datasheet HTML 6Page - Samsung semiconductor KS88P0716 Datasheet HTML 7Page - Samsung semiconductor KS88P0716 Datasheet HTML 8Page - Samsung semiconductor KS88P0716 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
KS88C0716/P0716
PRODUCT OVERVIEW
1-3
Table 1-1. Comparison Table
Feature
KS88C0116
KS88C0716
Core
SAM8
SAM87
ROM
16 K bytes
Same
RAM
272 bytes
Same
I/O
54
56 (add two pins)
Port 6
Open drain (9 V drive)
Normal C-MOS output
I/O option
None
Same
Timer
8-bit back-up timer
None
Timer A, B
— 8-bit
— Interval/PWM mode
— Timer A match interrupt
Same
(some differ in interval mode,
see manual)
Timer C, D
— Gate function
— Timer/counter
Same
Watchdog timer
None
Watchdog timer (with BT)
SIO
UART
— 8-bit/9-bit UART
— SIO
Same
Interrupt
External
× 12
— P2.4–P2.7, P4.0–P4.7
Same
Internal
× 6
— Timer A, C, D, SI, SO, Back-up
Internal
× 5
— Timer A, C, D, SI, SO
Power down
Stop/idle
Same
Oscillator
Crystal, ceramic
Same
CPU clock divider
1/2
1/1, 1/2, 1/8, 1/16
Execution time (Min.)
0.6
µs at 20 MHz (f
CPU = 10 MHz)
0.5
µs at 12 MHz (f
CPU = 12 MHz)
Operating frequency
Max. 20 MHz (fCPU = 10 MHz)
Max. 12 MHz (at 4.5 V) (2)
Max. 4 MHz (at 2.7 V)
Operating voltage
4.5–5.5 V
2.7–5.5 V at 4 MHz
4.5–5.5 V at 12 MHz
OTP/MTP
MTP
OTP
Pin assignment
Different
Package
64SDIP/64QFP
Same
Start address
0020h
0100h
P5CON, P6CON
BANK0
BANK1
Interrupt pending bit clear
Write "1"
Write "0"
NOTES:
1.
The KS88C0716 can replace the KS88C0116. Their functions are mostly the same, but there are some differences.
Table 1-1 shows the comparison of KS88C0716 and KS88C0116.


Similar Part No. - KS88P0716

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KS88P01416 SAMSUNG-KS88P01416 Datasheet
291Kb / 34P
   KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals and various mask-progra
KS88P01424 SAMSUNG-KS88P01424 Datasheet
291Kb / 34P
   KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals and various mask-progra
KS88P0916 SAMSUNG-KS88P0916 Datasheet
379Kb / 32P
   KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-progr
More results

Similar Description - KS88P0716

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KS86C6308 SAMSUNG-KS86C6308 Datasheet
193Kb / 28P
   SAM88RCRI family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-
KS86C4004 SAMSUNG-KS86C4004 Datasheet
250Kb / 34P
   SAM87Ri family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-pr
KS86C6404 SAMSUNG-KS86C6404 Datasheet
193Kb / 28P
   SAM87RI family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-pr
KS88C6108 SAMSUNG-KS88C6108 Datasheet
260Kb / 26P
   SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-progr
KS86C4204 SAMSUNG-KS86C4204 Datasheet
204Kb / 28P
   SAM87Ri family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-pr
KS86C4302 SAMSUNG-KS86C4302 Datasheet
208Kb / 34P
   SAM87Ri family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-pr
KS88C4616 SAMSUNG-KS88C4616 Datasheet
246Kb / 34P
   new SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-p
KS88C4404 SAMSUNG-KS88C4404 Datasheet
285Kb / 36P
   new SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-p
KS88C2148 SAMSUNG-KS88C2148 Datasheet
300Kb / 34P
   KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-progr
KS88C2416 SAMSUNG-KS88C2416 Datasheet
208Kb / 32P
   KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-progr
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com