Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0480372200 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0480372200
Description  Universal Serial Bus (USB) Shielded I/O Plug, Type A, Right Angle, Surface Mount, Straight Tab 3.80mm
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX6 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

0480372200 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0480372200 Datasheet HTML 1Page - Molex Electronics Ltd. 0480372200 Datasheet HTML 2Page - Molex Electronics Ltd. 0480372200 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Solder Process Data
Duration at Max. Process Temperature (seconds)
10
Lead-free Process Capability
Reflow Capable (SMT only)
Max. Cycles at Max. Process Temperature
1
Process Temperature max. C
260
Material Info
Reference - Drawing Numbers
Product Specification
PS-48037-001
Sales Drawing
SD-48037-004
This document was generated on 04/06/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0480372200

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0480372200 MOLEX1-0480372200 Datasheet
33Kb / 2P
   Universal Serial Bus (USB) Shielded I/O Plug, Type A, Right-Angle, Surface Mount,Straight Tab 3.80mm, 0.76m Gold (Au) Plating, PCB Thickness 1.60mm, Tape on Reel Package, Lead-Free
0480372200 MOLEX1-0480372200_18 Datasheet
33Kb / 2P
   Universal Serial Bus (USB) Shielded I/O Plug, Type A, Right-Angle, Surface Mount,Straight Tab 3.80mm, 0.76m Gold (Au) Plating, PCB Thickness 1.60mm, Tape on Reel Package, Lead-Free
More results

Similar Description - 0480372200

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0480372100 MOLEX6-0480372100 Datasheet
112Kb / 3P
   Universal Serial Bus (USB) Shielded I/O Plug, Type A, Right Angle, Surface Mount, Straight Tab 4.80mm
1054440011 MOLEX1-1054440011 Datasheet
56Kb / 2P
   Universal Serial Bus (USB) Shielded I/O Plug, Type C, Right-Angle, Surface Mount
0676433910 MOLEX1-0676433910_18 Datasheet
30Kb / 2P
   Universal Serial Bus (USB) Shielded I/O Receptacle, Right-Angle, Type A
0480371000 MOLEX6-0480371000 Datasheet
120Kb / 3P
   Universal Serial Bus (USB) Shielded I/O Plug, Type A, Right Angle, Surface Mount, 0.76um (30u") Gold (Au)
0480372000 MOLEX6-0480372000 Datasheet
119Kb / 3P
   Universal Serial Bus (USB) Shielded I/O Plug, Type A, Right Angle, Surface Mount, 0.76um (30u") Gold (Au) Plating
0480372200 MOLEX1-0480372200_18 Datasheet
33Kb / 2P
   Universal Serial Bus (USB) Shielded I/O Plug, Type A, Right-Angle, Surface Mount,Straight Tab 3.80mm, 0.76m Gold (Au) Plating, PCB Thickness 1.60mm, Tape on Reel Package, Lead-Free
0894858002 MOLEX1-0894858002_18 Datasheet
33Kb / 2P
   Universal Serial Bus (USB) Shielded I/O Type A Receptacle, Single Upright, Right-Angle
0894858001 MOLEX1-0894858001_18 Datasheet
34Kb / 2P
   Universal Serial Bus (USB) Shielded I/O Type A Receptacle, Single Upright, Right-Angle
2012670005 MOLEX1-2012670005 Datasheet
48Kb / 2P
   Universal Serial Bus (USB) Shielded I/O Receptacle, Type C, Right-Angle, Top Mount
1054500101 MOLEX1-1054500101 Datasheet
53Kb / 2P
   Universal Serial Bus (USB) Shielded I/O Receptacle, Type C, Right-Angle, Top Mount
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com