Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KS88P4504 Datasheet(PDF) 1 Page - Samsung semiconductor

Part # KS88P4504
Description  new SAM87RC family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mas
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KS88P4504 Datasheet(HTML) 1 Page - Samsung semiconductor

  KS88P4504 Datasheet HTML 1Page - Samsung semiconductor KS88P4504 Datasheet HTML 2Page - Samsung semiconductor KS88P4504 Datasheet HTML 3Page - Samsung semiconductor KS88P4504 Datasheet HTML 4Page - Samsung semiconductor KS88P4504 Datasheet HTML 5Page - Samsung semiconductor KS88P4504 Datasheet HTML 6Page - Samsung semiconductor KS88P4504 Datasheet HTML 7Page - Samsung semiconductor KS88P4504 Datasheet HTML 8Page - Samsung semiconductor KS88P4504 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
KS88C4504/P4504
PRODUCT OVERVIEW
1-1
1
PRODUCT OVERVIEW
SAM87 RC PRODUCT FAMILY
Samsung's new SAM87RC family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a
wide range of integrated peripherals, and various mask-programmable ROM sizes. Timer/counters with selectable
operating modes are included to support real-time operations. Many SAM87RC microcontrollers have an external
interface that provides access to external memory and other peripheral devices. The sophisticated interrupt
structure recognizes up to eight interrupt levels. Each level can have one or more interrupt sources and vectors.
Fast interrupt processing (within a minimum six CPU clocks) can be assigned to specific interrupt levels.
KS88C4504 MICROCONTROLLER
The KS88C4504 single-chip microcontroller is fabricated using a highly advanced CMOS process. Its design is
based on the powerful SAM87RC CPU core. Stop and Idle power-down modes were implemented to reduce
power consumption. The size of the internal register file is logically expanded, increasing the addressable on-chip
register space to 1040 bytes. A flexible yet sophisticated external interface is used to access up to 64-Kbytes of
program and data memory.
The KS88C4504 is a versatile microcontroller that is ideal for use in a wide range of
general-purpose applications such as CD-ROM/DVD-ROM drives.
Using the SAM87RC modular design approach, the following peripherals were integrated with the SAM87RC
CPU core:
— Five configurable 8-bit general I/O ports
— One 2-bit general I/O ports
— Full-duplex serial data port with one synchronous operating modes
— Two 8-bit timers with interval timer
— Two 16-bit timers/counters with PWM operating modes or capture modes
— One voltage level detector pin
— Four embedded chip selection pins (CS0–CS4) or normal I/O ports
— Two programmable 8-bit PWM modules with corresponding output pins
— A/D converter with 4 selectable input pins
OTP
The KS88C4504 microcontroller is also avaiable in OTP(One Time Programmable) version, KS88P4504
The KS88P4504 microcontroller has an on-chip 4K-byte one-time-programable EPROM instead of masked ROM.
The KS88P4504 is comparable To KS88C4504, both in function and in pin configuration.


Similar Part No. - KS88P4504

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KS88P4632 SAMSUNG-KS88P4632 Datasheet
246Kb / 34P
   new SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-p
KS88P4716 SAMSUNG-KS88P4716 Datasheet
180Kb / 26P
   new SAM87RC family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mas
More results

Similar Description - KS88P4504

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KS88C4708 SAMSUNG-KS88C4708 Datasheet
180Kb / 26P
   new SAM87RC family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mas
KS88C4404 SAMSUNG-KS88C4404 Datasheet
285Kb / 36P
   new SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-p
KS88C4616 SAMSUNG-KS88C4616 Datasheet
246Kb / 34P
   new SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-p
KS86C6308 SAMSUNG-KS86C6308 Datasheet
193Kb / 28P
   SAM88RCRI family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-
KS88C0716 SAMSUNG-KS88C0716 Datasheet
229Kb / 30P
   SAM87 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-prog
KS86C4004 SAMSUNG-KS86C4004 Datasheet
250Kb / 34P
   SAM87Ri family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-pr
KS86C6404 SAMSUNG-KS86C6404 Datasheet
193Kb / 28P
   SAM87RI family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-pr
KS88C6108 SAMSUNG-KS88C6108 Datasheet
260Kb / 26P
   SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-progr
KS86C4204 SAMSUNG-KS86C4204 Datasheet
204Kb / 28P
   SAM87Ri family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-pr
KS86C4302 SAMSUNG-KS86C4302 Datasheet
208Kb / 34P
   SAM87Ri family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-pr
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com