Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KS88P4632 Datasheet(PDF) 8 Page - Samsung semiconductor

Part # KS88P4632
Description  new SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-p
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KS88P4632 Datasheet(HTML) 8 Page - Samsung semiconductor

Back Button KS88P4632 Datasheet HTML 4Page - Samsung semiconductor KS88P4632 Datasheet HTML 5Page - Samsung semiconductor KS88P4632 Datasheet HTML 6Page - Samsung semiconductor KS88P4632 Datasheet HTML 7Page - Samsung semiconductor KS88P4632 Datasheet HTML 8Page - Samsung semiconductor KS88P4632 Datasheet HTML 9Page - Samsung semiconductor KS88P4632 Datasheet HTML 10Page - Samsung semiconductor KS88P4632 Datasheet HTML 11Page - Samsung semiconductor KS88P4632 Datasheet HTML 12Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
PRODUCT OVERVIEW
KS88C4616/C4632/P4632
1-8
Table 1-1. KS88C4616/C4632 Pin Descriptions (Concluded)
Pin
Name
Pin
Type
Pin Description
Circuit
Number
Pin
Number
Share
Pins
TCCK/INT8
TCDK/INT9
I/O
Timer/counter C and D clock input or external
interrupts: the triggering edge is selectable.
4
12, 11
(5, 4)
P4.4–P4.5
TCG/INT10
TDG/INT11
I/O
Timer/counter C and D clock input or external
interrupts: the triggering edge is selectable.
4
10, 9
(3, 2)
P4.6–P4.7
ADC0–
ADC7
I/O
A/D converter inputs
5
49–56
(42–49)
P5.0–P5.7
XIN, XOUT
System clock input and output pins
19, 18
(12, 11)
I
System reset pin
7
23 (16)
EA
I
External access (EA) pin with three modes:
0 V: Normal operation (internal ROM)
5 V: ROM-less operation (external interface)
12.5 V: OTP read/write mode
20 (13)
AVREF,
AVSS
A/D converter reference voltage input and ground
47, 48
(40, 41)
VDD ,VSS
Voltage input pin and ground
16, 17
(9, 10)
NOTE:
Pin numbers shown in parentheses "( )" are for the 64-pin QFP package.


Similar Part No. - KS88P4632

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KS88P4504 SAMSUNG-KS88P4504 Datasheet
293Kb / 36P
   new SAM87RC family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mas
KS88P4716 SAMSUNG-KS88P4716 Datasheet
180Kb / 26P
   new SAM87RC family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mas
More results

Similar Description - KS88P4632

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KS88C4404 SAMSUNG-KS88C4404 Datasheet
285Kb / 36P
   new SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-p
KS88C6108 SAMSUNG-KS88C6108 Datasheet
260Kb / 26P
   SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-progr
KS86C6308 SAMSUNG-KS86C6308 Datasheet
193Kb / 28P
   SAM88RCRI family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-
KS88C6216 SAMSUNG-KS88C6216 Datasheet
438Kb / 24P
   SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU with a wide range of integrated peripherals
KS86C4004 SAMSUNG-KS86C4004 Datasheet
250Kb / 34P
   SAM87Ri family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-pr
KS86C6404 SAMSUNG-KS86C6404 Datasheet
193Kb / 28P
   SAM87RI family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-pr
KS88C0716 SAMSUNG-KS88C0716 Datasheet
229Kb / 30P
   SAM87 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-prog
KS86C4204 SAMSUNG-KS86C4204 Datasheet
204Kb / 28P
   SAM87Ri family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-pr
KS86C4302 SAMSUNG-KS86C4302 Datasheet
208Kb / 34P
   SAM87Ri family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-pr
KS88C4708 SAMSUNG-KS88C4708 Datasheet
180Kb / 26P
   new SAM87RC family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mas
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com