Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0473623002 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0473623002
Description  1.27mm (.050") Pitch Combo SATA Cable Connector, Right Angle Type, with Arris on both surface
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX6 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

0473623002 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0473623002 Datasheet HTML 1Page - Molex Electronics Ltd. 0473623002 Datasheet HTML 2Page - Molex Electronics Ltd. 0473623002 Datasheet HTML 3Page - Molex Electronics Ltd. 0473623002 Datasheet HTML 4Page - Molex Electronics Ltd. 0473623002 Datasheet HTML 5Page - Molex Electronics Ltd. 0473623002 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Electrical
Current - Maximum per Contact
1.5A
Voltage - Maximum
15V DC
Solder Process Data
Duration at Max. Process Temperature (seconds)
3
Lead-free Process Capability
Reflow Capable (SMT only)
Max. Cycles at Max. Process Temperature
1
Process Temperature max. C
255
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-47362-001
Product Specification
PS-47362-001
Sales Drawing
SD-47362-100
This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0473623002

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0473621001 MOLEX6-0473621001 Datasheet
321Kb / 6P
   1.27mm (.050") Pitch Combo SATA Cable Connector, Straight Type, with Arris on both surface, with bumps
0473621002 MOLEX6-0473621002 Datasheet
321Kb / 6P
   1.27mm (.050") Pitch Combo SATA Cable Connector, Straight Type, with Arris on both surface, with bumps
0473621003 MOLEX6-0473621003 Datasheet
321Kb / 6P
   1.27mm (.050") Pitch Combo SATA Cable Connector, Straight Type, with Arris on both surface, without bumps, 0.38關m (15關") Gold (Au), 22 Circuits, Lead Free
0473621010 MOLEX6-0473621010 Datasheet
320Kb / 6P
   1.27mm (.050") Pitch Combo SATA Cable Connector, Straight Type, with Arris on top surface, with bumps, Gold(Au) Flash Plating, 22 Circuits, Lead Free
0473621011 MOLEX6-0473621011 Datasheet
320Kb / 6P
   1.27mm (.050") Pitch Combo SATA Cable Connector, Straight Type, with Arris on top surface, with bumps, 0.76關m (30關") Gold(Au) Plating, 22 Circuits, LeadFree
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com