Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

45802-1223 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 45802-1223
Description  1.20mm (.047") x 2.00mm (.079") Pitch HD Mezz Receptacle, 299 Circuits, 18.00mm (.709") Unmated
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX6 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

45802-1223 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  45802-1223 Datasheet HTML 1Page - Molex Electronics Ltd. 45802-1223 Datasheet HTML 2Page - Molex Electronics Ltd. 45802-1223 Datasheet HTML 3Page - Molex Electronics Ltd. 45802-1223 Datasheet HTML 4Page - Molex Electronics Ltd. 45802-1223 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
This document was generated on 04/14/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0458021223
Status:
Active
Description:
1.20mm (.047") x 2.00mm (.079") Pitch HD Mezz™ Receptacle, 299 Circuits, 18.00mm
(.709") Unmated Height, 23 Rows, Lead Free
Documents:
3D Model
Product Specification PS-45802-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Receptacles
Series
45802
Application
Board-to-Board
Comments
1.20mm (.047") Pitch Pin-to-Pin and 2.00mm (.079")
Pitch Row-to-Row
Product Name
Mezzanine
Physical
Circuits (Loaded)
299
Circuits (maximum)
299
Color - Resin
Black
Durability (mating cycles max)
100
Flammability
94V-0
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Metal
High Performance Alloy (HPA)
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Number of Rows
23
Orientation
Vertical
PC Tail Length (in)
0.000 In
PC Tail Length (mm)
0.00 mm
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness Recommended (in)
0.000 In
PCB Thickness Recommended (mm)
0.00 mm
Packaging Type
Tray
Pitch - Mating Interface (in)
0.079 In
Pitch - Mating Interface (mm)
2.00 mm
Pitch - Term. Interface (in)
0.079 In
Pitch - Term. Interface (mm)
2.00 mm
Plating min: Mating (µin)
30
Plating min: Mating (µm)
0.75
Plating min: Termination (µin)
100
Plating min: Termination (µm)
2.5
Polarized to Mating Part
Yes
Polarized to PCB
Yes
Robotic Placement
Vacuum Pick-Up Tape
Stackable
No
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
45802Series
Mates With
45830 HD Mezz™ Plug


Similar Part No. - 45802-1223

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
45802-1223 MOLEX-45802-1223 Datasheet
903Kb / 2P
   HD Mezz??Connectors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com