Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RN5VS45AC-TL Datasheet(PDF) 5 Page - RICOH electronics devices division

Part # RN5VS45AC-TL
Description  LOW VOLTAGE DETECTOR
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RN5VS45AC-TL Datasheet(HTML) 5 Page - RICOH electronics devices division

  RN5VS45AC-TL Datasheet HTML 1Page - RICOH electronics devices division RN5VS45AC-TL Datasheet HTML 2Page - RICOH electronics devices division RN5VS45AC-TL Datasheet HTML 3Page - RICOH electronics devices division RN5VS45AC-TL Datasheet HTML 4Page - RICOH electronics devices division RN5VS45AC-TL Datasheet HTML 5Page - RICOH electronics devices division RN5VS45AC-TL Datasheet HTML 6Page - RICOH electronics devices division RN5VS45AC-TL Datasheet HTML 7Page - RICOH electronics devices division RN5VS45AC-TL Datasheet HTML 8Page - RICOH electronics devices division RN5VS45AC-TL Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
LOW VOLTAGE DETECTOR
RN5VS SERIES
OUTLINE
The RN5VS Series are voltage detector ICs with high detector threshold accuracy and ultra-low supply current
by CMOS process, which can be operated at an extremely low voltage and is used, for instance, for system reset.
Each of these ICs consists of a voltage reference unit, a comparator, resistors for voltage detection, an output
driver and a hysteresis circuit. The detector threshold is fixed with high accuracy.
The RN5VS Series are operable by a lower voltage than that for the R
×5VL Series, and can be driven by a sin-
gle battery.
Two output types, Nch open drain type and CMOS type, are available. Since the package for these ICs are
SOT-23-5 (Mini-mold) package, high density mounting of the ICs on board is possible.
• Ultra-low Supply Current ............................TYP. 0.8µA (VDD=1.5V)
• Broad Operating Voltage Range .................. 0.7V to 10.0V (Topt =25˚C)
• Detector Threshold........................................Stepwise setting with a step of 0.1V in the range of 0.9V to 6.0V
is possible (refer to Selection Guide).
• High Accuracy Detector Threshold..............±3.0%
• Low Temperature-Drift Coefficien of Detector Threshold..............TYP. ±100ppm/˚C
• Two Output Types.........................................Nch Open Drain and CMOS
• Packages.........................................................SOT-23-5 (Mini-mold)
FEATURES
APPLICATIONS
CPU & Logic Circuit Reset
Battery Checker
Window Comparator
Wave Shaping Circuit
Battery Back-Up Circuit
Power Failure Detector


Similar Part No. - RN5VS45AC-TL

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RN5VD RICOH-RN5VD Datasheet
198Kb / 28P
   VOLTAGE DETECTOR WITH OUTPUT DELAY
RN5VD09AA RICOH-RN5VD09AA Datasheet
198Kb / 28P
   VOLTAGE DETECTOR WITH OUTPUT DELAY
RN5VD09AA-TL RICOH-RN5VD09AA-TL Datasheet
198Kb / 28P
   VOLTAGE DETECTOR WITH OUTPUT DELAY
RN5VD09AA-TR RICOH-RN5VD09AA-TR Datasheet
198Kb / 28P
   VOLTAGE DETECTOR WITH OUTPUT DELAY
RN5VD09AC RICOH-RN5VD09AC Datasheet
198Kb / 28P
   VOLTAGE DETECTOR WITH OUTPUT DELAY
More results

Similar Description - RN5VS45AC-TL

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R3111XXX1A RICOH-R3111XXX1A Datasheet
205Kb / 20P
   LOW VOLTAGE DETECTOR
R3111X RICOH-R3111X Datasheet
1Mb / 44P
   LOW VOLTAGE DETECTOR
R3111X091A RICOH-R3111X091A Datasheet
205Kb / 20P
   LOW VOLTAGE DETECTOR
R3113D RICOH-R3113D Datasheet
314Kb / 18P
   LOW VOLTAGE DETECTOR
R5VT09A RICOH-R5VT09A Datasheet
324Kb / 31P
   LOW VOLTAGE DETECTOR?
RX5VT RICOH-RX5VT Datasheet
324Kb / 31P
   LOW VOLTAGE DETECTOR
logo
Pericom Semiconductor C...
PT7M6418 PERICOM-PT7M6418 Datasheet
393Kb / 12P
   Low Power Voltage Detector
logo
Shenzhen Huazhimei Semi...
HM70XX HMSEMI-HM70XX Datasheet
1Mb / 11P
   Low Power Voltage Detector
HM61XX HMSEMI-HM61XX Datasheet
1Mb / 12P
   Low Power Voltage Detector
logo
Pericom Semiconductor C...
PT7M6118 PERICOM-PT7M6118 Datasheet
531Kb / 11P
   Low Power Voltage Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com