Electronic Components Datasheet Search |
|
RN5VD48AC-TL Datasheet(PDF) 11 Page - RICOH electronics devices division |
|
RN5VD48AC-TL Datasheet(HTML) 11 Page - RICOH electronics devices division |
11 / 28 page RN5VD 10 • RN5VD45A/C Topt=25˚C Symbol Item Conditions MIN. TYP. MAX. Unit. –VDET VHYS Detector Threshold Detector Threshold Hysteresis 4.388 4.500 4.612 V 0.135 0.225 0.315 V ISS Supply Current VDD=4.34V VDD=6.5V 5.5 1.3 11.0 3.9 µA VDDL Minimum Operating Voltage ( Note 1) Topt=25˚C –30˚C ≤Topt≤85˚C 0.55 0.65 0.70 0.80 V IOUT Output Current VTCD CD pin Threshold Voltage Nch VDS=0.05V, VDD=0.7V VDS=0.5V, VDD=1.5V VDS=–2.1V, VDD=8.0V Pch 0.01 1.0 0.05 2.0 1.5 3.0 VDD=4.95V 1.980 2.475 2.970 V ICD CD pin Sink Current VDS=0.1V, VDD=0.7V VDS=0.5V, VDD=1.5V 2.0 200.0 30 800.0 µA RD Delay Resistance 0.5 1.0 2.0 M Ω ∆–VDET ∆Topt Detector Threshold Temperature Coefficient –30˚C ≤Topt≤85˚C ±100 ppm/˚C mA mA VDDH Maximum Operating Voltage 10 V (Note 1) Minimum Operating Voltage means the value of input voltage when output voltage maintains 0.1V or less, provided that in the case of Nch Open Drain Type Products, the pull-up resistance is set at 470k Ω, and the pull-up voltage is set at 5.0V. |
Similar Part No. - RN5VD48AC-TL |
|
Similar Description - RN5VD48AC-TL |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |