Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

45971-4315 Datasheet(PDF) 9 Page - Molex Electronics Ltd.

Part # 45971-4315
Description  1.27mm (.050") by 1.27mm (.050") Pitch SEARAY Receptacle, 400 Circuits, 6.50mm (.255") Unmated Height
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX6 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

45971-4315 Datasheet(HTML) 9 Page - Molex Electronics Ltd.

Back Button 45971-4315 Datasheet HTML 4Page - Molex Electronics Ltd. 45971-4315 Datasheet HTML 5Page - Molex Electronics Ltd. 45971-4315 Datasheet HTML 6Page - Molex Electronics Ltd. 45971-4315 Datasheet HTML 7Page - Molex Electronics Ltd. 45971-4315 Datasheet HTML 8Page - Molex Electronics Ltd. 45971-4315 Datasheet HTML 9Page - Molex Electronics Ltd. 45971-4315 Datasheet HTML 10Page - Molex Electronics Ltd. 45971-4315 Datasheet HTML 11Page - Molex Electronics Ltd. 45971-4315 Datasheet HTML 12Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image


Similar Part No. - 45971-4315

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
45971-4385 MOLEX6-45971-4385 Datasheet
1Mb / 12P
   1.27mm (.050") by 1.27mm (.050") Pitch SEARAY* Receptacle, 320 Circuits, 6.50mm (.255") Unmated Height, 8 Rows, With Pegs, Solder Charge??Lead Free
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com