Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0473935001 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0473935001
Description  2.50mm (.098") Pitch Pogo Connector, Height: 3.95mm (.156"), 1.02um (40u") Gold (Au) over Nickel Plating, 2x2 Circuits
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX6 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

0473935001 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0473935001 Datasheet HTML 1Page - Molex Electronics Ltd. 0473935001 Datasheet HTML 2Page - Molex Electronics Ltd. 0473935001 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Product Specification
PS-47393-001
Sales Drawing
SD-47393-001
This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0473935001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0473930001 MOLEX6-0473930001 Datasheet
108Kb / 3P
   2.50mm (.098") Pitch Pogo Connector, Height: 3.95mm (.156"), 0.30um (12 u") Gold (Au) over Nickel Plating, 2x2 Circuits
0473931001 MOLEX6-0473931001 Datasheet
104Kb / 3P
   2.50mm (.098") Pitch Pogo Connector, Height: 3.95mm (.156"), 1.02關m (40 關") Gold (Au) over Nickel Plating, 2 Circuits, 4 Soldering Positions
0473932001 MOLEX6-0473932001 Datasheet
101Kb / 3P
   4.00mm (.157") Pitch Po-Go Pin Connector, Vertical, SMT, 1.02um (40u") Gold (Au) Plating over Nickel, 2 Circuits
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com