Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0498389102 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0498389102
Description  6.35mm (.250") MP-Lock Flag Terminal, 14-18 AWG, Pre Tin Plated
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX6 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

0498389102 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0498389102 Datasheet HTML 1Page - Molex Electronics Ltd. 0498389102 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 04/15/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0498389102
Status:
Active
Description:
6.35mm (.250") MP-Lock™ Flag Terminal, 14-18 AWG, Pre Tin Plated
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-49838-001 (PDF)
General
Product Family
Crimp Terminals
Series
49838
Crimp Quality Equipment
Yes
Product Name
MP-Lock™
Physical
Gender
Female
Material - Metal
Brass
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Packaging Type
Reel
Plating min: Mating (µin)
32.00
Plating min: Mating (µm)
0.800
Plating min: Termination (µin)
32.00
Plating min: Termination (µm)
0.80
Wire Insulation Diameter
N/A
Wire Size AWG
12, 14, 16, 18
Wire Size mm²
N/A
Material Info
Reference - Drawing Numbers
Product Specification
PS-49838-001
Sales Drawing
SD-49838-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
49838Series
Mates With
This document was generated on 04/15/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0498389102

ManufacturerPart #DatasheetDescription
logo
Christian Bürkert GmbH ...
0498 BURKERT-0498 Datasheet
6Mb / 32P
   Modular valve island for pneumatics
04.10.2023
logo
Weidmuller
0498000000 WEIDMULLER-0498000000 Datasheet
744Kb / 20P
   Component Carriers and Housings
0498000000 WEIDMULLER-0498000000 Datasheet
1Mb / 52P
   SAK-series
0498000000 WEIDMULLER-0498000000 Datasheet
55Kb / 2P
   Modular terminal, accessories, Terminal rail (cable support construction), DIN EN 60715, steel
0498000000 WEIDMULLER-0498000000 Datasheet
54Kb / 2P
   Modular terminal, accessories, Terminal rail (cable support construction), DIN EN 60715, steel
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com