Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

43650-1029 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 43650-1029
Description  3.00mm (.118") Pitch Micro-Fit 3.0 Header, Surface Mount Compatible, Single Row, Vertical, with PCB Polarizing Peg
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX6 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

43650-1029 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  43650-1029 Datasheet HTML 1Page - Molex Electronics Ltd. 43650-1029 Datasheet HTML 2Page - Molex Electronics Ltd. 43650-1029 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 05/24/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0436501029
Status:
Active
Overview:
microfit_30
Description:
3.00mm (.118") Pitch Micro-Fit 3.0™ Header, Surface Mount Compatible, Single Row,
Vertical, with PCB Polarizing Peg, 10 Circuits, 0.76µm (30µ") Gold (Au) Selective
Plating, Glow Wire Compatible
Documents:
3D Model
Product Specification PS-43650 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Packaging Specification (PDF)
Agency Certification
CSA
LR19980
TUV
R72081037
UL
E29179
General
Product Family
PCB Headers
Series
43650
Application
Wire-to-Board
Comments
High Temperature|Square Pin|Solder Type
Overview
microfit_30
Product Literature Order No
USA-106
Product Name
Micro-Fit 3.0™
Physical
Breakaway
No
Circuits (Loaded)
10
Circuits (maximum)
10
Color - Resin
Black
Durability (mating cycles max)
30
Flammability
94V-0
Glow-Wire Compliant
Yes
Lock to Mating Part
Yes
Mated Height (in)
0.680 In
Mated Height (mm)
17.27 mm
Material - Metal
Brass
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Number of Rows
1
Orientation
Vertical
PC Tail Length (in)
0.125 In
PC Tail Length (mm)
3.18 mm
PCB Locator
Yes
PCB Retention
None
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Tray
Pitch - Mating Interface (in)
0.118 In
Pitch - Mating Interface (mm)
3.00 mm
Plating min: Mating (µin)
30
Plating min: Mating (µm)
0.75
Plating min: Termination (µin)
100
Plating min: Termination (µm)
2.5
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
43650Series
Mates With
43645 Micro-Fit 3.0™ Receptacle Housing


Similar Part No. - 43650-1029

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
43650-1020 MOLEX6-43650-1020 Datasheet
181Kb / 3P
   3.00mm (.118") Pitch Micro-Fit 3.0 Header, Surface Mount Compatible, Single Row, Vertical
43650-1021 MOLEX6-43650-1021 Datasheet
175Kb / 3P
   3.00mm (.118") Pitch Micro-Fit 3.0 Header, Surface Mount Compatible, Single Row, Vertical, with Press-fit
43650-1022 MOLEX6-43650-1022 Datasheet
175Kb / 3P
   3.00mm (.118") Pitch Micro-Fit 3.0 Header, Surface Mount Compatible, Single Row, Vertical, with Press-fit Metal
43650-1023 MOLEX6-43650-1023 Datasheet
175Kb / 3P
   3.00mm (.118") Pitch Micro-Fit 3.0 Header, Surface Mount Compatible, Single Row, Vertical, with Press-fit Metal
43650-1024 MOLEX6-43650-1024 Datasheet
182Kb / 3P
   3.00mm (.118") Pitch Micro-Fit 3.0??Header, Surface Mount Compatible, Single Row,Vertical, with Solder Tab, 10 Circuits, Tin (Sn) Plating, Glow Wire Compatible
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com