Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

48201-6063 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 48201-6063
Description  D-Subminiature Shielded I/O PCB Female Receptacle, Right Angle, Through Hole, 9 Circuits, 4-40 Flush Insert
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX6 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

48201-6063 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  48201-6063 Datasheet HTML 1Page - Molex Electronics Ltd. 48201-6063 Datasheet HTML 2Page - Molex Electronics Ltd. 48201-6063 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 03/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0482016063
Status:
Active
Description:
D-Subminiature Shielded I/O PCB Female Receptacle, Right Angle, Through Hole, 9
Circuits, #4-40 Flush Insert, 2 #4-40 Hex Internal Thread Screws Assembled, Gold (Au)
Flash Plating, PCB Thickness 1.60mm(.063"), Lead Free
Documents:
3D Model
Product Specification PS-48201-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
I/O Connectors
Series
48201
Application
Wire-to-Board
Component Type
Receptacle
Product Name
D-Sub
Type
N/A
Physical
Boot Color
N/A
Circuits (Loaded)
9
Circuits (maximum)
9
Color - Resin
Black
Durability (mating cycles max)
600
Gender
Female
Lock to Mating Part
Yes
Material - Metal
Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
Polyester
Number of Rows
2
Orientation
Right Angle
PC Tail Length (in)
0.125 In
PC Tail Length (mm)
3.18 mm
PCB Locator
No
PCB Retention
Yes
PCB Thickness Recommended (in)
0.063 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Tray
Panel Mount
Yes
Pitch - Mating Interface (in)
0.054 In
Pitch - Mating Interface (mm)
1.38 mm
Pitch - Term. Interface (in)
0.054 In
Pitch - Term. Interface (mm)
1.38 mm
Plating min: Mating (µin)
2
Plating min: Mating (µm)
0.05
Plating min: Termination (µin)
100
Plating min: Termination (µm)
2.54
Polarized to Mating Part
Yes
Polarized to PCB
Yes
Ports
1
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-55°C to +85°C
Termination Interface: Style
Through Hole
Waterproof / Dustproof
No
Wire Size AWG
N/A
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
48201Series
Mates With
48202 D-Sub Male Plug


Similar Part No. - 48201-6063

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
48201-6061 MOLEX6-48201-6061 Datasheet
153Kb / 3P
   D-Subminiature Shielded I/O PCB Female Receptacle, Right Angle, Through Hole, 9 Circuits, 2 pcs #4-40 Round Inner Thread Screw Rivetted, BeveledMetal Pins, Gold (Au) Flash, PCB Thickness 1.60mm (.063"), Lead Free
More results

Similar Description - 48201-6063

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0482016043 MOLEX6-0482016043 Datasheet
148Kb / 3P
   D-Subminiature Shielded I/O PCB Female Receptacle, Right Angle, Through Hole, 9 Circuits, 4-40 Flush Insert
0482016062 MOLEX6-0482016062 Datasheet
148Kb / 3P
   D-Subminiature Shielded I/O PCB Female Receptacle, Right Angle, Through Hole, 9 Circuits, 4-40 Flush Insert, Screw
0482016052 MOLEX6-0482016052 Datasheet
148Kb / 3P
   D-Subminiature Shielded I/O PCB Female Receptacle, Right Angle, Through Hole, 9 Circuits, 4-40 Flush
0482016046 MOLEX6-0482016046 Datasheet
148Kb / 3P
   D-Subminiature Shielded I/O PCB Female Receptacle, Right Angle, Through Hole, 9 Circuits, 4-40 Flush
0482016042 MOLEX6-0482016042 Datasheet
148Kb / 3P
   D-Subminiature Shielded I/O PCB Female Receptacle, Right Angle, Through Hole, 9 Circuits, 4-40 Flush
0482016153 MOLEX6-0482016153 Datasheet
148Kb / 3P
   D-Subminiature Shielded I/O PCB Female Receptacle, Right Angle, Through Hole, 15 Circuits, 4-40 Flush Insert
0482016362 MOLEX6-0482016362 Datasheet
153Kb / 3P
   D-Subminiature Shielded I/O PCB Female Receptacle, Right Angle, Through Hole, 25 Circuits, 4-40 Flush Insert
0482016162 MOLEX6-0482016162 Datasheet
148Kb / 3P
   D-Subminiature Shielded I/O PCB Female Receptacle, Right Angle, Through Hole, 15 Circuits, 4-40 Flush Insert
0482016166 MOLEX6-0482016166 Datasheet
148Kb / 3P
   D-Subminiature Shielded I/O PCB Female Receptacle, Right Angle, Through Hole, 15 Circuits, 4-40 Flush Insert
0482016342 MOLEX6-0482016342 Datasheet
148Kb / 3P
   D-Subminiature Shielded I/O PCB Female Receptacle, Right Angle, Through Hole, 25 Circuits, 4-40 Flush Insert
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com