Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0495490410 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0495490410
Description  2.50mm (.098") Pitch Mini-SPOX Housing, 4 Circuits
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX6 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

0495490410 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0495490410 Datasheet HTML 1Page - Molex Electronics Ltd. 0495490410 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 06/03/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0495490410
Status:
Active
Overview:
spox
Description:
2.50mm (.098") Pitch Mini-SPOX™ Housing, 4 Circuits
Documents:
3D Model
Product Specification PS-49549-002 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Crimp Housings
Series
49549
Overview
spox
Product Name
SPOX™
Physical
Breakaway
No
Circuits (maximum)
4
Color - Resin
Natural
Gender
Female
Glow-Wire Compliant
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Resin
Polyester
Number of Rows
1
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface (in)
0.098 In
Pitch - Mating Interface (mm)
2.50 mm
Polarized to Mating Part
Yes
Stackable
No
Temperature Range - Operating
-40°C to +105°C
Material Info
Reference - Drawing Numbers
Product Specification
PS-49549-002
Sales Drawing
SD-49549-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
49549Series
Mates With
5240 Housing, 5045 Header
Use With
57915-8001 Terminal, 57915-9002 Terminal
This document was generated on 06/03/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0495490410

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0495490210 MOLEX6-0495490210 Datasheet
105Kb / 2P
   2.50mm (.098") Pitch Mini-SPOX Housing, 2 Circuits
0495490310 MOLEX6-0495490310 Datasheet
105Kb / 2P
   2.50mm (.098") Pitch Mini-SPOX??Housing, 3 Circuits
0495490510 MOLEX6-0495490510 Datasheet
105Kb / 2P
   2.50mm (.098") Pitch Mini-SPOX Housing, 5 Circuits
0495490520 MOLEX6-0495490520 Datasheet
96Kb / 2P
   2.50mm (.098") Pitch Mini-SPOX??Housing, 5 Circuits, Non-Locking
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com