Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RH5RL53AA-RR Datasheet(PDF) 2 Page - RICOH electronics devices division

Part # RH5RL53AA-RR
Description  VOLTAGE REGULATOR
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RH5RL53AA-RR Datasheet(HTML) 2 Page - RICOH electronics devices division

  RH5RL53AA-RR Datasheet HTML 1Page - RICOH electronics devices division RH5RL53AA-RR Datasheet HTML 2Page - RICOH electronics devices division RH5RL53AA-RR Datasheet HTML 3Page - RICOH electronics devices division RH5RL53AA-RR Datasheet HTML 4Page - RICOH electronics devices division RH5RL53AA-RR Datasheet HTML 5Page - RICOH electronics devices division RH5RL53AA-RR Datasheet HTML 6Page - RICOH electronics devices division RH5RL53AA-RR Datasheet HTML 7Page - RICOH electronics devices division RH5RL53AA-RR Datasheet HTML 8Page - RICOH electronics devices division RH5RL53AA-RR Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
VOLTAGE REGULATOR
R
×5RL SERIES
1
OUTLINE
The R
×5RL Series are voltage regulator ICs with high accuracy output voltage and ultra-low quiescent cur-
rent by CMOS process. Each of these ICs consists of a voltage reference unit, an error amplifier, a driver tran-
sistor, and resistors for setting output voltage. The output voltage is fixed with high accuracy.
Three types of packages, TO-92, SOT-89 (Mini-power Mold), SOT-23-5 (Mini-mold), are available.
• Ultra-low Quiescent Current ...........................TYP. 1.1µA (R
×5RL30A, VIN=5.0V)
• Small Dropout Voltage .....................................TYP. 30mV (R
×5RL50A, IOUT=1mA)
• Low Temperature-Drift Coefficient of Output Voltage ...............TYP. ±100 ppm/˚C
• Excellent Line Regulation.................................TYP. 0.1%/V
• Output Voltage ..................................................Stepwise setting with a step of 0.1V in the range of 2.0V to 6.0V
is possible (refer to Selection Guide).
• High Accuracy Output Voltage.........................±2.5%
• Three Types of Packages...................................TO-92, SOT-89 (Mini-power Mold), SOT-23-5 (Mini-mold)
FEATURES
APPLICATIONS
• Power source for battery-powered equipment.
• Power source for cameras, video instruments such as camcorders, VCRs, and hand- held communication equipment.
• Precision voltage references.
BLOCK DIAGRAM
2
1
3
Vref
VOUT
GND
VIN
+
1


Similar Part No. - RH5RL53AA-RR

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RH5RL53AA RICOH-RH5RL53AA Datasheet
24Kb / 1P
   POWER MANAGEMENT ICs MARK INFORMATIONS
More results

Similar Description - RH5RL53AA-RR

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
MB3756 FUJI-MB3756 Datasheet
228Kb / 7P
   VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
R1MX55 ETL-R1MX55 Datasheet
311Kb / 10P
   VOLTAGE REGULATOR
logo
Texas Instruments
LM723JAN TI1-LM723JAN_13 Datasheet
821Kb / 21P
[Old version datasheet]   Voltage Regulator
LM723 TI1-LM723_16 Datasheet
850Kb / 21P
[Old version datasheet]   Voltage Regulator
logo
Unisonic Technologies
R070LD10 UTC-R070LD10_V01 Datasheet
352Kb / 10P
   VOLTAGE REGULATOR
logo
Infineon Technologies A...
IFX1117 INFINEON-IFX1117_09 Datasheet
290Kb / 15P
   Voltage Regulator
Rev. 1.21, 2009-09-04
logo
Holtek Semiconductor In...
HT10XX HOLTEK-HT10XX Datasheet
607Kb / 14P
   Voltage Regulator
logo
Unisonic Technologies
R070LD10 UTC-R070LD10 Datasheet
387Kb / 10P
   VOLTAGE REGULATOR
logo
Solid States Devices, I...
SVR003 SSDI-SVR003 Datasheet
103Kb / 3P
   VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
R070LD10 ETL-R070LD10 Datasheet
387Kb / 10P
   VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com