Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

44478-1211 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 44478-1211
Description  Mini-Fit HCS Crimp Terminal, 18-20 AWG, Reel, Copper (Cu) Alloy, Gold (Au) Selective
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX6 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

44478-1211 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  44478-1211 Datasheet HTML 1Page - Molex Electronics Ltd. 44478-1211 Datasheet HTML 2Page - Molex Electronics Ltd. 44478-1211 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Crimp Terminals,
18-24 AWG and
smaller insulation
T2 Terminator Die
0639102600
FineAdjust™
Applicator
0639002600
FineAdjust™
Applicator, Small
Insulation
0639002900
This document was generated on 05/27/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 44478-1211

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
44478-1111 MOLEX6-44478-1111 Datasheet
170Kb / 3P
   Mini-Fit HCS Crimp Terminal, 18-20 AWG, Reel, Copper (Cu) Alloy, Tin (Sn)
44478-1112 MOLEX6-44478-1112 Datasheet
168Kb / 2P
   Mini-Fit HCS Crimp Terminal, 18-20 AWG, Bag, Copper (Cu) Alloy, Tin (Sn)
44478-1605 MOLEX-44478-1605 Datasheet
237Kb / 2P
   MICRO FIT (3.0) DUAL ROW RIGHT ANGLE BMI HEADER ASSY
2016/02/15
44478-1805 MOLEX-44478-1805 Datasheet
237Kb / 2P
   MICRO FIT (3.0) DUAL ROW RIGHT ANGLE BMI HEADER ASSY
2016/02/15
44478-1806 MOLEX-44478-1806 Datasheet
237Kb / 2P
   MICRO FIT (3.0) DUAL ROW RIGHT ANGLE BM HEADER ASSY
2016/02/15
More results

Similar Description - 44478-1211

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0457501211 MOLEX1-0457501211_18 Datasheet
33Kb / 1P
   Mini-Fit Plus Crimp Terminal, 18-20 AWG, Reel, Copper (Cu) Alloy, Gold (Au) Selective
0444781111 MOLEX6-0444781111 Datasheet
170Kb / 3P
   Mini-Fit HCS Crimp Terminal, 18-20 AWG, Reel, Copper (Cu) Alloy, Tin (Sn)
0444761111 MOLEX6-0444761111 Datasheet
150Kb / 3P
   Mini-Fit HCS Crimp Terminal 44476, 18-20 AWG, Reel, Copper (Cu) Alloy, Tin (Sn)
0457501212 MOLEX1-0457501212_18 Datasheet
33Kb / 1P
   Mini-Fit Plus Crimp Terminal, 18-20 AWG, Bag, Copper (Cu) Alloy, Gold (Au) Selective
0457503211 MOLEX1-0457503211_18 Datasheet
33Kb / 1P
   Mini-Fit Plus Crimp Terminal, 16 AWG, Reel, Copper (Cu) Alloy, Gold (Au) Selective
44476-1111 MOLEX11-44476-1111 Datasheet
64Kb / 2P
   Mini-Fit짰 HCS Crimp Terminal, 18-20 AWG, Reel, Copper (Cu) Alloy, Tin (Sn)
0444781112 MOLEX6-0444781112 Datasheet
168Kb / 2P
   Mini-Fit HCS Crimp Terminal, 18-20 AWG, Bag, Copper (Cu) Alloy, Tin (Sn)
0444783111 MOLEX6-0444783111 Datasheet
170Kb / 3P
   Mini-Fit HCS??Crimp Terminal, 16 AWG, Reel, Copper (Cu) Alloy, Tin (Sn)
0444761112 MOLEX6-0444761112 Datasheet
148Kb / 2P
   Mini-Fit HCS Crimp Terminal 44476, 18-20 AWG, Bag, Copper (Cu) Alloy, Tin (Sn)
0457501111 MOLEX1-0457501111_18 Datasheet
33Kb / 1P
   Mini-Fit Plus Crimp Terminal, 18-20 AWG, Reel, Copper (Cu) Alloy, Tin (Sn)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com