Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

49390-0002 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 49390-0002
Description  6.60mm (.259") Pitch Wire-to-Board Header, Dual Row, Vertical, 8 Circuits, Polyester Carbonate UL94V-0, Red
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX6 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

49390-0002 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  49390-0002 Datasheet HTML 1Page - Molex Electronics Ltd. 49390-0002 Datasheet HTML 2Page - Molex Electronics Ltd. 49390-0002 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 04/21/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0493900002
Status:
Active
Description:
6.60mm (.259") Pitch Wire-to-Board Header, Dual Row, Vertical, 8 Circuits, Polyester
Carbonate UL94V-0, Red
Documents:
3D Model
Product Specification PS-49390-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
PCB Headers
Series
49390
Application
Wire-to-Board
Comments
Polarized to Mating Part
Product Name
N/A
Physical
Breakaway
No
Circuits (Loaded)
8
Circuits (maximum)
8
Durability (mating cycles max)
30
First Mate / Last Break
No
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Number of Rows
2
Orientation
Vertical
PC Tail Length (in)
0.130 In
PC Tail Length (mm)
3.30 mm
PCB Locator
Yes
PCB Retention
Yes
Packaging Type
Bag
Pitch - Mating Interface (in)
0.236 In
Pitch - Mating Interface (mm)
6.00 mm
Pitch - Term. Interface (in)
0.236 In
Pitch - Term. Interface (mm)
6.00 mm
Plating min: Mating (µin)
40
Plating min: Mating (µm)
1
Plating min: Termination (µin)
40
Plating min: Termination (µm)
1
Polarized to Mating Part
No
Polarized to PCB
Yes
Shrouded
Fully
Stackable
No
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-40°C to +120°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
0.5A
Voltage - Maximum
300V AC (RMS)/DC
Material Info
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
49390Series


Similar Part No. - 49390-0002

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
49390-0001 MOLEX6-49390-0001 Datasheet
100Kb / 3P
   6.60mm (.259") Pitch Wire-to-Board Header, Dual Row, Vertical, 8 Circuits, Polyester Carbonate UL94V-0, White
49390-0004 MOLEX6-49390-0004 Datasheet
100Kb / 3P
   6.60mm (.259") Pitch Wire-to-Board Header, Dual Row, Vertical, 8 Circuits, Polyester Carbonate UL94V-0, Blue
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com