Selected language     English  ā–¼


E-48321-001 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part No. E-48321-001
Description  1.00mm (.039"), 1.27mm (.050") Pitch Slimline Serial ATA Receptacle, Right Angle, Standard DIP with Nut, Gold (Au)
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOLEX6 [Molex Electronics Ltd.]
Homepage  http://www.molex.com
Logo 

   
 1 page
background image
This document was generated on 05/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0483211000
Status:
Active
Overview:
slimline_serial_ata_odd_connectors
Description:
1.00mm (.039"), 1.27mm (.050") Pitch Slimline Serial ATA Receptacle, Right Angle,
Standard DIP with Nut, Gold (Au) Flash Plating, Mounted Height: 3.50mm (.150"), with
LCP Aligner, Lead free
Documents:
3D Model
Product Specification PS-48321-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Receptacles
Series
48321
Application
Board-to-Board
Comments
Standard DIP, with nut and pin-alignment
Overview
slimline_serial_ata_odd_connectors
Product Name
Serial ATA, Slimline Serial ATA
Physical
Circuits (Loaded)
13
Circuits (maximum)
13
Color - Resin
Black
Durability (mating cycles max)
500
Flammability
94V-0
Glow-Wire Compliant
No
Guide to Mating Part
Yes
Keying to Mating Part
Yes
Lock to Mating Part
No
Material - Metal
Copper Alloy
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Number of Rows
1
Orientation
Right Angle
PC Tail Length (in)
0.063 In
PC Tail Length (mm)
1.60 mm
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness Recommended (in)
0.047 In
PCB Thickness Recommended (mm)
1.20 mm
Packaging Type
Embossed Tape on Reel
Pitch - Mating Interface (in)
0.039 In, 0.050 In
Pitch - Mating Interface (mm)
1.00 mm, 1.27 mm
Pitch - Term. Interface (in)
0.039 In, 0.050 In
Pitch - Term. Interface (mm)
1.00 mm, 1.27 mm
Plating min: Mating (Āµin)
2
Plating min: Mating (Āµm)
0.05
Plating min: Termination (Āµin)
100
Plating min: Termination (Āµm)
2.54
Polarized to Mating Part
Yes
Polarized to PCB
Yes
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
48321Series
Mates With
473001xxx Slimline Serial ATA Plugs




Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl