Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0497665001 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0497665001
Description  5.00mm (.197") Diameter Spark Plug Terminal, for Silicone Wire 0.5mm짼;
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX6 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

0497665001 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0497665001 Datasheet HTML 1Page - Molex Electronics Ltd. 0497665001 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 03/12/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0497665001
Status:
Active
Description:
5.00mm (.197") Diameter Spark Plug Terminal, for Silicone Wire 0.5mm²;
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-49766-001 (PDF)
General
Product Family
Crimp Terminals
Series
49766
Crimp Quality Equipment
Yes
Product Name
N/A
Physical
Gender
Female
Material - Metal
Stainless Steel
Material - Plating Mating
Unplated
Packaging Type
Reel
Termination Interface: Style
Crimp or Compression
Wire Insulation Diameter
5.00mm (.197")
Wire Size AWG
20
Wire Size mm²
0.5
Material Info
Reference - Drawing Numbers
Product Specification
PS-49766-001
Sales Drawing
SD-49766-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
49766Series
Use With
Silicone Wire 0.5mm²;
This document was generated on 03/12/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0497665001

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0497660000 WEIDMULLER-0497660000 Datasheet
742Kb / 22P
   Cable glands
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com