Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD-47346-001 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # SD-47346-001
Description  0.65mm (.026") Pitch Micro-USB B Receptacle, Bottom Mount, SMT, Lead Free
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX6 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

SD-47346-001 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  SD-47346-001 Datasheet HTML 1Page - Molex Electronics Ltd. SD-47346-001 Datasheet HTML 2Page - Molex Electronics Ltd. SD-47346-001 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0473460001
Status:
Active
Overview:
micro_usb
Description:
0.65mm (.026") Pitch Micro-USB B Receptacle, Bottom Mount, SMT, Lead Free
Documents:
3D Model
Product Specification PS-47346-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
I/O Connectors
Series
47346
Application
Wire-to-Board
Comments
Bottom Mount Type
Component Type
Receptacle
MolexKits
Yes
Overview
micro_usb
Product Name
Micro-USB
Type
B
Physical
Boot Color
N/A
Circuits (Loaded)
5
Circuits (maximum)
5
Color - Resin
Black
Gender
Male
Keying to Mating Part
Yes
Lock to Mating Part
Yes
Material - Metal
Copper Alloy
Material - Plating Mating
Gold
Material - Plating Termination
Gold
Material - Resin
High Temperature Thermoplastic
Number of Rows
1
Orientation
Right Angle
PCB Locator
No
PCB Retention
Yes
Packaging Type
Embossed Tape on Reel
Panel Mount
No
Pitch - Mating Interface (in)
0.026 In
Pitch - Mating Interface (mm)
0.65 mm
Pitch - Term. Interface (in)
0.026 In
Pitch - Term. Interface (mm)
0.65 mm
Plating min: Mating (µin)
2
Plating min: Mating (µm)
0.05
Plating min: Termination (µin)
2
Plating min: Termination (µm)
0.05
Polarized to Mating Part
Yes
Polarized to PCB
Yes
Ports
1
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
-20°C to +85°C
Termination Interface: Style
Surface Mount
Waterproof / Dustproof
No
Electrical
Current - Maximum per Contact
1.8A, 1A
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
47346Series
Mates With
68784 Micro-USB Cable Plugs


Similar Part No. - SD-47346-001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
SD-47346-001 MOLEX-SD-47346-001 Datasheet
307Kb / 2P
   MICRO USB B REC. BOTTOM MOUNT ASSY
REVISION E
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com