Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD-49347-001 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # SD-49347-001
Description  1.52mm (.060") Pitch, Sealed Wire-to-Board Housing, Female, 4 Circuits
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX6 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

SD-49347-001 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  SD-49347-001 Datasheet HTML 1Page - Molex Electronics Ltd. SD-49347-001 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 03/15/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0493470411
Status:
Active
Description:
1.52mm (.060") Pitch, Sealed Wire-to-Board Housing, Female, 4 Circuits
Documents:
Packaging Specification (PDF)
Product Specification PS-49347-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Crimp Housings
Series
49347
Product Name
N/A
Physical
Circuits (maximum)
4
Color - Resin
Black
Gender
Female
Glow-Wire Compliant
No
Keying to Mating Part
N/A
Lock to Mating Part
None
Material - Resin
Polyester
Number of Rows
2
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface (in)
0.213 In
Pitch - Mating Interface (mm)
5.40 mm
Pitch - Term. Interface (in)
0.213 In
Pitch - Term. Interface (mm)
5.40 mm
Polarized to Mating Part
Yes
Ports
1
Stackable
No
Temperature Range - Operating
-40°C to +85°C
Electrical
Current - Maximum per Contact
6A
Material Info
Reference - Drawing Numbers
Product Specification
PS-49347-001
Sales Drawing
SD-49347-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
49347Series
This document was generated on 03/15/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - SD-49347-001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
SD-49390-001 MOLEX6-SD-49390-001 Datasheet
100Kb / 3P
   6.60mm (.259") Pitch Wire-to-Board Header, Dual Row, Vertical, 8 Circuits, Polyester Carbonate UL94V-0, Red
SD-49391-001 MOLEX6-SD-49391-001 Datasheet
96Kb / 2P
   6.60mm (.259") Pitch Wire-to-Board Receptacle, Dual Row, Vertical, 8 Circuits, Polyester Carbonate UL94V-0, Red
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com