Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0482040001 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0482040001
Description  Universal Serial Bus (USB) Shielded I/O Receptacle, Type A Upright Right Angle, Reverse Mount, Solder Tail
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX6 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

0482040001 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0482040001 Datasheet HTML 1Page - Molex Electronics Ltd. 0482040001 Datasheet HTML 2Page - Molex Electronics Ltd. 0482040001 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 03/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0482040001
Status:
Active
Description:
Universal Serial Bus (USB) Shielded I/O Receptacle, Type A Upright Right Angle,
Reverse Mount, Solder Tail Length 2.90mm (.114"), 3.70mm (.146") Beveled Metal
Pins, PCB Thickness 1.60mm (.063"), 0.76µm (30µ") Gold (Au) Plating, Lead Free
Documents:
3D Model
Product Specification PS-48204-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
I/O Connectors
Series
48204
Application
Wire-to-Board
Comments
Reverse Mount Type|Beveled Metal Pin Length:
3.70mm (.146")
Component Type
Receptacle
Product Name
USB
Type
A
Physical
Boot Color
N/A
Circuits (Loaded)
4
Circuits (maximum)
4
Gender
Receptacle
Lock to Mating Part
Yes
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Number of Rows
4
Orientation
Upright
PC Tail Length (in)
0.114 In
PC Tail Length (mm)
2.90 mm
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness Recommended (in)
0.063 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Tray
Panel Mount
No
Pitch - Mating Interface (in)
0.000 In
Pitch - Mating Interface (mm)
0.00 mm
Pitch - Term. Interface (in)
0.000 In
Pitch - Term. Interface (mm)
0.00 mm
Plating min: Mating (µin)
30
Plating min: Mating (µm)
0.76
Polarized to Mating Part
Yes
Polarized to PCB
Yes
Ports
1
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-55°C to +85°C
Termination Interface: Style
Through Hole
Waterproof / Dustproof
No
Electrical
Current - Maximum per Contact
1.5A
Shield Type
Full Shield
Shielded
Yes
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
48204Series
Mates With
USB Type A Plug


Similar Part No. - 0482040001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0482040001 MOLEX1-0482040001 Datasheet
30Kb / 2P
   Universal Serial Bus (USB) Shielded I/O Receptacle, Type A Upright Right-Angle,Reverse Mount, Solder Tail Length 2.90mm, 3.70mm Beveled Metal Pins, PCB Thickness 1.60mm, 0.76關m Gold (Au) Plating, Lead-Free
0482040001 MOLEX1-0482040001_18 Datasheet
30Kb / 2P
   Universal Serial Bus (USB) Shielded I/O Receptacle, Type A Upright Right-Angle,Reverse Mount, Solder Tail Length 2.90mm, 3.70mm Beveled Metal Pins, PCB Thickness 1.60mm, 0.76關m Gold (Au) Plating, Lead-Free
More results

Similar Description - 0482040001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0894858001 MOLEX1-0894858001_18 Datasheet
34Kb / 2P
   Universal Serial Bus (USB) Shielded I/O Type A Receptacle, Single Upright, Right-Angle
0894858002 MOLEX1-0894858002_18 Datasheet
33Kb / 2P
   Universal Serial Bus (USB) Shielded I/O Type A Receptacle, Single Upright, Right-Angle
0676433910 MOLEX1-0676433910_18 Datasheet
30Kb / 2P
   Universal Serial Bus (USB) Shielded I/O Receptacle, Right-Angle, Type A
0894858030 MOLEX1-0894858030_18 Datasheet
33Kb / 2P
   Universal Serial Bus (USB) Shielded I/O Type A Receptacle, Single Upright, Right-Angle, Terminal Length 2.00mm
0482580001 MOLEX6-0482580001 Datasheet
127Kb / 3P
   Universal Serial Bus (USB) Shielded I/O Receptacle, Type A, Right Angle, Reverse Type, Mid Mount with side flange
0483940004 MOLEX1-0483940004 Datasheet
35Kb / 2P
   Universal Serial Bus (USB 3.0) Reverse I/O Receptacle, Right-Angle
2012670005 MOLEX1-2012670005 Datasheet
48Kb / 2P
   Universal Serial Bus (USB) Shielded I/O Receptacle, Type C, Right-Angle, Top Mount
0673298021 MOLEX1-0673298021_18 Datasheet
29Kb / 2P
   Universal Serial Bus (USB) Shielded I/O Receptacle, Type A Single Upright Right-Angle, Solder Tail Length 2.00mm, 3.65mm Beveled Metal Pins, PCB Thickness
1054500101 MOLEX1-1054500101 Datasheet
53Kb / 2P
   Universal Serial Bus (USB) Shielded I/O Receptacle, Type C, Right-Angle, Top Mount
1054550101 MOLEX1-1054550101 Datasheet
47Kb / 2P
   Universal Serial Bus (USB) Shielded I/O Receptacle, Type C, Right-Angle, Mid-Mount
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com