Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

51067-0400 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 51067-0400
Description  3.50mm (.138") Pitch Wire-to-Wire and Wire-to-Board Housing, Positive Lock, 4Circuits
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

51067-0400 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  51067-0400 Datasheet HTML 1Page - Molex Electronics Ltd. 51067-0400 Datasheet HTML 2Page - Molex Electronics Ltd. 51067-0400 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0510670400
Status:
Active
Description:
3.50mm (.138") Pitch Wire-to-Wire and Wire-to-Board Housing, Positive Lock, 4
Circuits
Documents:
3D Model
Product Specification PS-51067-016 (PDF)
Drawing (PDF)
Product Specification PS-51067-017 (PDF)
Product Specification PS-51067-002 (PDF)
Product Specification PS-51067-018 (PDF)
Product Specification PS-51067-003 (PDF)
Product Specification PS-51067-019 (PDF)
Product Specification PS-51067-004 (PDF)
Product Specification PS-51067-020 (PDF)
Product Specification PS-51067-005 (PDF)
Product Specification PS-51067-021 (PDF)
Product Specification PS-51067-006 (PDF)
Product Specification PS-51067-022 (PDF)
Product Specification PS-51067-007 (PDF)
Product Specification PS-51067-023 (PDF)
Product Specification PS-51067-008 (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
Crimp Housings
Series
51067
Product Name
N/A
Physical
Circuits (maximum)
4
Color - Resin
Natural
Flammability
94V-0
Gender
Female
Glow-Wire Compliant
No
Material - Resin
Polyester
Number of Rows
1
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface (in)
0.138 In
Pitch - Mating Interface (mm)
3.50 mm
Stackable
No
Temperature Range - Operating
-40°C to +105°C
Material Info
Reference - Drawing Numbers
Packaging Specification
SPK-51067-001
Product Specification
PS-51067-002, PS-51067-003, PS-51067-004,
PS-51067-005, PS-51067-006, PS-51067-007,
PS-51067-008, PS-51067-016, PS-51067-017,
PS-51067-018, PS-51067-019, PS-51067-020,
PS-51067-021, PS-51067-022, PS-51067-023,
RPS-51067-001, RPS-51067-002, RPS-51067-003,
RPS-51067-006, RPS-51067-007, RPS-51067-008,
RPS-51067-020, RPS-51067-021, RPS-51067-022,
RPS-51067-023, RPS-51067-024, RPS-51067-025,
RPS-51067-027, RPS-51067-028, RPS-51067-029,
RPS-51067-030, RPS-51067-033, RPS-51067-034,
RPS-51067-035, RPS-51067-036, RPS-51067-037,
RPS-51067-039, RPS-51067-040, RPS-51067-041
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
51067Series
Mates With
51114 , 53258 , 53259 , 53265 , 53266
Use With
50217 Crimp Terminals


Similar Part No. - 51067-0400

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
51067-0400 MOLEX11-51067-0400 Datasheet
41Kb / 2P
   3.50mm Pitch Wire-to-Wire and Wire-to-Board Housing, Positive Lock, 4 Circuits
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com