Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

52808-0970 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 52808-0970
Description  1.00mm (.039
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

52808-0970 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  52808-0970 Datasheet HTML 1Page - Molex Electronics Ltd. 52808-0970 Datasheet HTML 2Page - Molex Electronics Ltd. 52808-0970 Datasheet HTML 3Page - Molex Electronics Ltd. 52808-0970 Datasheet HTML 4Page - Molex Electronics Ltd. 52808-0970 Datasheet HTML 5Page - Molex Electronics Ltd. 52808-0970 Datasheet HTML 6Page - Molex Electronics Ltd. 52808-0970 Datasheet HTML 7Page - Molex Electronics Ltd. 52808-0970 Datasheet HTML 8Page - Molex Electronics Ltd. 52808-0970 Datasheet HTML 9Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Product Specification
PS-52808-004, RPS-52808-039, RPS-52808-044,
RPS-52808-045, RPS-52808-047, RPS-52808-048,
RPS-52808-049
Sales Drawing
SD-52808-027, SD-52808-028
This document was generated on 06/05/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 52808-0970

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
52808-0971 MOLEX-52808-0971 Datasheet
598Kb / 8P
   1.0 FFC CONN. NON ZIF SMT ST (WITH TAPE) -LEAD FREE-
More results

Similar Description - 52808-0970

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0553474065 MOLEX7-0553474065 Datasheet
116Kb / 3P
   1.00mm (.039
0872631823 MOLEX9-0872631823 Datasheet
367Kb / 5P
   1.00mm (.039
0479890212 MOLEX6-0479890212 Datasheet
348Kb / 4P
   1.00mm (.039") by 1.00mm (.039") Pitch rPGA 988A Notebook PC CPU Socket,with Mylar, Hard Tray
501334-0000 MOLEX-501334-0000 Datasheet
974Kb / 2P
   1.00mm (.039") pitch wire-to-board connector
0082283020 MOLEX3-0082283020 Datasheet
200Kb / 4P
   1.00mm (.039") Pitch Round Conductor Flat Cable
0082283024 MOLEX3-0082283024 Datasheet
200Kb / 4P
   1.00mm (.039") Pitch Round Conductor Flat Cable
0479890142 MOLEX6-0479890142 Datasheet
352Kb / 4P
   1.00mm (.039") by 1.00mm (.039") Pitch rPGA 989 Notebook PC CPU Socket, with Pick-and-Place Cover
0082283010 MOLEX3-0082283010 Datasheet
200Kb / 4P
   1.00mm (.039") Pitch Round Conductor Flat Cable
0714362264 MOLEX8-0714362264 Datasheet
273Kb / 4P
   1.00mm (.039") Pitch Mezzanine IEEE 1386 Plug
0479890332 MOLEX6-0479890332 Datasheet
352Kb / 4P
   1.00mm (.039") by 1.00mm (.039") Pitch rPGA 988B Notebook PC CPU Socket,with Pick-and-Place Cover
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com