Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0504527125 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0504527125
Description  Circuit Breaker Terminal for 3/0 AWG, Closed Uninsulated Brazed Barrel, Stud Size5/16" (M8), Oxygen-Free Copper, Length 49.00mm (1.929")
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

0504527125 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0504527125 Datasheet HTML 1Page - Molex Electronics Ltd. 0504527125 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 03/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0504527125
Status:
Active
Description:
Circuit Breaker Terminal for 3/0 AWG, Closed Uninsulated Brazed Barrel, Stud Size
5/16" (M8), Oxygen-Free Copper, Length 49.00mm (1.929")
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-50449-002 (PDF)
Agency Certification
UL
E134962
General
Product Family
Ring and Spade Terminals
Series
50452
Crimp Quality Equipment
Yes
Mil-Spec
N/A
Product Name
CB (Circuit Breaker)
Type
Rectangular
Physical
Barrel Type
Closed - Brazed
Insulation
None
Material - Plating Mating
Tin
Packaging Type
Bag
Plating min: Mating (µin)
40
Plating min: Mating (µm)
1
Plating min: Termination (µin)
40
Plating min: Termination (µm)
1
Stud Size
5/16" (M8)
Termination Interface: Style
Crimp or Compression
Wire Size AWG
3/0
Wire Size mm²
76.28 - 96.3
Material Info
Reference - Drawing Numbers
Product Specification
PS-50449-002
Sales Drawing
SD-50452-7*25
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
50452Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Japan
Description
Product #
Tool Kit For
57343-9012
0573439001
Battery Type Hand
Crimper For JIS
Terminal
0573439004
This document was generated on 03/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0504527125

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0504527025 MOLEX7-0504527025 Datasheet
89Kb / 2P
   Circuit Breaker Terminal for 3/0 AWG, Closed Uninsulated Brazed Barrel, Stud Size5/16" (M8), Oxygen-Free Copper, Length 50.00mm (1.969")
0504527225 MOLEX7-0504527225 Datasheet
89Kb / 2P
   Circuit Breaker Terminal for 3/0 AWG, Closed Uninsulated Brazed Barrel, Stud Size M10, Oxygen-Free Copper, Length 50.00mm (1.969")
0504527325 MOLEX7-0504527325 Datasheet
89Kb / 2P
   Circuit Breaker Terminal for 3/0 AWG, Closed Uninsulated Brazed Barrel, Stud SizeM10, Oxygen-Free Copper, Length 49.00mm (1.929")
0504527425 MOLEX7-0504527425 Datasheet
89Kb / 2P
   Circuit Breaker Terminal for 3/0 AWG, Closed Uninsulated Brazed Barrel, Stud Size1/2" (M12), Oxygen-Free Copper, Length 49.00mm (1.929")
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com