Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0510041300 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0510041300
Description  2.00mm (.079") Pitch MicroBlade??Wire-to-Board Housing, Friction Lock, 5.80mm(.228") Height, 13 Circuits
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

0510041300 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0510041300 Datasheet HTML 1Page - Molex Electronics Ltd. 0510041300 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Similar Part No. - 0510041300

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0510041000 MOLEX7-0510041000 Datasheet
114Kb / 2P
   2.00mm (.079") Pitch MicroBlade??Wire-to-Board Housing, Friction Lock, 5.80mm (.228") Height, 10 Circuits
0510041100 MOLEX7-0510041100 Datasheet
115Kb / 3P
   2.00mm (.079") Pitch MicroBlade??Wire-to-Board Housing, Friction Lock, 5.80mm(.228") Height, 11 Circuits
0510041200 MOLEX7-0510041200 Datasheet
114Kb / 2P
   2.00mm (.079") Pitch MicroBlade??Wire-to-Board Housing, Friction Lock, 5.80mm(.228") Height, 12 Circuits
0510041400 MOLEX7-0510041400 Datasheet
114Kb / 2P
   2.00mm (.079") Pitch MicroBlade??Wire-to-Board Housing, Friction Lock, 5.80mm(.228") Height, 14 Circuits
0510041500 MOLEX7-0510041500 Datasheet
114Kb / 2P
   2.00mm (.079") Pitch MicroBlade??Wire-to-Board Housing, Friction Lock, 5.80mm (.228") Height, 15 Circuits
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com