Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

55401-5039 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 55401-5039
Description  2.54mm (.100") Pitch QF-50??Flat Ribbon Cable Header, Dual Row, VerticalShrouded Header with Eject Levers, 50 Circuits, Central MatingKey, Lead-free
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

55401-5039 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  55401-5039 Datasheet HTML 1Page - Molex Electronics Ltd. 55401-5039 Datasheet HTML 2Page - Molex Electronics Ltd. 55401-5039 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 06/02/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0554015039
Status:
Contact Molex
Overview:
qf50
Description:
2.54mm (.100") Pitch QF-50™ Flat Ribbon Cable Header, Dual Row, Vertical,
Shrouded Header with Eject Levers, 50 Circuits, Central MatingKey, Lead-free
Documents:
3D Model
Product Specification PS-54559-005 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
PCB Headers
Series
55401
Application
Wire-to-Board
Overview
qf50
Product Name
QF-50™
Physical
Breakaway
No
Circuits (Loaded)
50
Circuits (maximum)
50
Color - Resin
Black
Durability (mating cycles max)
500
First Mate / Last Break
No
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Metal
Brass
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
Polyester
Number of Rows
2
Orientation
Vertical
PCB Locator
No
PCB Retention
Yes
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Tray
Pitch - Mating Interface (in)
0.100 In
Pitch - Mating Interface (mm)
2.54 mm
Plating min: Mating (µin)
12
Plating min: Mating (µm)
0.3
Plating min: Termination (µin)
101.6
Plating min: Termination (µm)
2.54
Polarized to Mating Part
Yes
Shrouded
Fully
Stackable
No
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-40°C to +85°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
1A
Voltage - Maximum
300V
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
55401Series
Mates With
54559 QF-50™ Flat Cable Receptacle
Housing


Similar Part No. - 55401-5039

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
55401-5019 MOLEX7-55401-5019 Datasheet
170Kb / 3P
   2.54mm (.100") Pitch QF-50??Flat Ribbon Cable Header, Dual Row, VerticalShrouded Header with Eject Levers, 50 Circuits, Side Mating Keys, Lead-free
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com