Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0553640011 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0553640011
Description  1.27mm (.050") CF Card Ejector: Left Side Button, Push-Push Type
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

0553640011 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0553640011 Datasheet HTML 1Page - Molex Electronics Ltd. 0553640011 Datasheet HTML 2Page - Molex Electronics Ltd. 0553640011 Datasheet HTML 3Page - Molex Electronics Ltd. 0553640011 Datasheet HTML 4Page - Molex Electronics Ltd. 0553640011 Datasheet HTML 5Page - Molex Electronics Ltd. 0553640011 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0553640011
Status:
Active
Overview:
compactflash
Description:
1.27mm (.050") CF Card Ejector: Left Side Button, Push-Push Type
Documents:
3D Model
Product Specification PS-55358-011 (PDF)
Drawing (PDF)
Product Specification PS-55358-012 (PDF)
Product Specification PS-55358-009 (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Memory Card Sockets
Series
55364
Button Type
Push-Push
Component Type
Ejector (Host)
Overview
compactflash
Product Name
CompactFlash
Type
I, II
Physical
Card Detection Switch
N/A
Circuits (Loaded)
N/A
Color - Resin
Black
Durability (mating cycles max)
Contact Molex
Ejector Button Side
Left
Entry Angle
N/A
Keying to Mating Part
None
Material - Resin
Polycarbonate
PCB Locator
No
PCB Mounting Side
Normal
PCB Retention
N/A
Packaging Type
Tray
Pitch - Mating Interface (in)
0.050 In
Pitch - Mating Interface (mm)
1.27 mm
Pitch - Term. Interface (in)
0.000 In
Pitch - Term. Interface (mm)
0.00 mm
Ports
1
Temperature Range - Operating
-20°C to +90°C
Electrical
Current - Maximum per Contact
N/A
Shielded
Yes
Voltage - Maximum
N/A
Material Info
Reference - Drawing Numbers
Product Specification
PS-55358-009, PS-55358-011, PS-55358-012,
RPS-55358-004, RPS-55358-010, RPS-55358-012,
RPS-55358-013
Sales Drawing
SD-55364-002, SD-55364-003
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
55364Series
Use With
55358
This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0553640011

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0553650011 MOLEX7-0553650011 Datasheet
131Kb / 3P
   1.27mm (.050") CF Card Ejector: Right Side Button, Push-Push Type
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com