Electronic Components Datasheet Search |
|
RE5RE29AA-T1 Datasheet(PDF) 7 Page - RICOH electronics devices division |
|
RE5RE29AA-T1 Datasheet(HTML) 7 Page - RICOH electronics devices division |
7 / 20 page 6 • R ×5RE50A Topt=25˚C R ×5RE • R ×5RE40A Topt=25˚C Symbol Item VOUT Output Voltage IOUT Output Current ∆VOUT Load Regulation ∆IOUT VDIF Dropout Voltage ISS Quiescent Current ∆VOUT ∆VIN Line Regulation VIN Input Voltage Ilim Current Limit ∆VOUT Output Voltage ∆Topt Temperature Coefficient Conditions MIN. TYP. MAX. Unit VIN=6.0V,IOUT=10mA 3.900 4.000 4.100 V VIN=6.0V 65 100 mA VIN=6.0V 1mA ≤IOUT≤70mA 40 80 mV IOUT=50mA 0.5 0.7 V VIN=6.0V 1.2 3.6 µA IOUT=10mA VOUT+1.0V ≤VIN≤10V 0.1 %/V 10 V 240 mA IOUT=10mA ±100 ppm/˚C –40˚C ≤Topt≤85˚C Symbol Item VOUT Output Voltage IOUT Output Current ∆VOUT Load Regulation ∆IOUT VDIF Dropout Voltage ISS Quiescent Current ∆VOUT ∆VIN Line Regulation VIN Input Voltage Ilim Current Limit ∆VOUT Output Voltage ∆Topt Temperature Coefficient Conditions MIN. TYP. MAX. Unit VIN=7.0V,IOUT=10mA 4.875 5.000 5.125 V VIN=7.0V 80 120 mA VIN=7.0V 1mA ≤IOUT≤80mA 40 80 mV IOUT=60mA 0.5 0.7 V VIN=7.0V 1.3 3.9 µA IOUT=10mA VOUT+1.0V ≤VIN≤10V 0.1 %/V 10 V 240 mA IOUT=10mA ±100 ppm/˚C –40˚C ≤Topt≤85˚C |
Similar Part No. - RE5RE29AA-T1 |
|
Similar Description - RE5RE29AA-T1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |