Electronic Components Datasheet Search |
|
VI-22FEU Datasheet(PDF) 1 Page - Vicor Corporation |
|
VI-22FEU Datasheet(HTML) 1 Page - Vicor Corporation |
1 / 2 page 12 1-800-735-6200 70 Product Grade/ Product Grade/ Operating Temp. Storage Temp. E = -10°C to +85°C E = -20°C to +100°C C = -25°C to +85°C C = -40°C to +100°C I = -40°C to +85°C I = -55°C to +100°C M = -55°C to +85°C M = -65°C to +100°C Overtemperature shutdown 95°C typical (recycle power to restart). Converter Selection Chart VI-2 Mechanical Drawing Features s Up to 50W/Cubic Inch s UL, CSA, TÜV, VDE, BABT, AUSTEL s Up to 90% Efficiency s Size: 4.6" x 2.4" x 0.5" (116,8 x 61,0 x 12,7) s Remote Sense and Current Limit s OVP, Thermal Shutdown s Logic Disable s Wide Range Output Adjust s Compatible Power Booster Modules s ZCS Power Architecture s Low Noise FM Control s CE Marked VI-200 DC-DC Converters 50 to 200 Watts Product Highlights The VI-200 Family, with over 8 million shipped, is Vicor’s first generation of “zero-current-switching” component-level DC-DC converters. Operating at frequencies up to 2 MHz, VI-200 Family Converters offer exceptional power density, efficiency, noise performance, reliability and ease of use. Power Boosters provide a simple, cost effective, off-the-shelf solution for higher power output requirements. One or more boosters may be used to create synchronous arrays capable of supplying several kilowatts of output power. The flexibility of Vicor’s power components is also available in half-size, half-power VI-J00 MiniMods. (pg. 72) Packaging Options SlimMods™, high power density, flangeless packages and FinMods™, featuring integral finned heatsinks. SlimMod: Option suffix: - S Example: VI - 2XX - XX - S FinMod: Option suffix: - F1 and - F2 Examples: VI - 2XX - XX - F1, 0.75" height VI - 2XX - XX - F2, 1.00" height Max. Output For 5V Outputs > 5V Outputs < 5V Outputs (1) 75W 75W 15A (2) 150W 150W 30A (3) 100W 100W 20A * Brownout 75% of rated load; transient voltage for 1 second. Max. Output For 5V Outputs > 5V Outputs < 5V Outputs (4) 200W 200W 40A (5) 150W 200W 40A (6) 75W 100W 20A Output Power/Current VOUT ≥ 5V VOUT < 5V Y = 50W Y = 10A X = 75W X = 15A W = 100W W = 20A V = 150W V = 30A U = 200W U = 40A For additional output power use “Boosters”. Change (VI-2xx-xx) to (VI-Bxx-xx). Output Voltage Z = 2V 2 = 15V Y = 3.3V N = 18.5V 0 = 5V 3 = 24V X = 5.2V L = 28V W = 5.5V J = 36V V = 5.8V K = 40V T = 6.5V 4 = 48V R = 7.5V H = 52V M = 10V F = 72V 1 = 12V D = 85V P = 13.8V B = 95V Input Voltage Nominal Range Brownout /Transient* 0 = 12V 10 - 20V (1) n/a 22V 1 = 24V 21 - 32V (4) 18V 36V W = 24V 18 - 36V (2) n/a n/a 2 = 36V 21 - 56V (3) 18V 60V 3 = 48V 42 - 60V (4) 36V 72V N = 48V 36 - 76V (4) n/a n/a 4 = 72V 55 - 100V (4) 45V 110V T = 110V 66 - 160V (2) n/a n/a 5 = 150V 100 - 200V (5) 85V 215V 6 = 300V 200 - 400V (4) 170V 425V 7 = 150/300V 100 - 375V (6) 90V n/a +.030 (0,76) -.000 (0) Product ID this surface FULL R 5 6 7 8 9 4 3 2 1 Pin # 1 2 3 4 5 6* 7* 8* 9 Function +In Gate In Gate Out -In +Out +Sense Trim -Sense -Out * Do not connect on Booster modules Aluminum Base .01 .040 (1,0) Dia (7) places Solder plate over copper alloy .080 (2,0) Dia (2) places Solder plate over copper alloy .30 ±.015 (7,6) ±(0,38) 1.80 (45,7) (106,7) (12,7) (5,6) MIN (3,0) (116,8) (61,0) (44,5) (7,6) Min .15 (3,8) 2.10 (53,3) .40 (10,2) .35 ±.015 (8,9) ±(0,38) 1.40 (35,6) 1.00 (25,4) .70 (17,8) (91,4) .50 (12,7) VI-200 4.60 3.60 .15 (3,8) 4.20 .12 .22 .50 .30 2.40 1.75 Rev 3 1 of 2 For the latest Vicor Product Information: www.vicorpower.com |
Similar Part No. - VI-22FEU |
|
Similar Description - VI-22FEU |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |