Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0533580940 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0533580940
Description  2.00mm (.049") Pitch Mi II??Wire-to-Wire Adapter, 9 Circuits, Lead-free
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

0533580940 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0533580940 Datasheet HTML 1Page - Molex Electronics Ltd. 0533580940 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 04/16/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0533580940
Status:
Active
Description:
2.00mm (.049") Pitch Mi II™ Wire-to-Wire Adapter, 9 Circuits, Lead-free
Documents:
3D Model
Product Specification PS-53358-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-51090-003 (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
Accessories
Series
53358
Comments
For Panel Mounting
Component Type
Adapter
Product Name
Mi II™
Physical
Circuits (Loaded)
9
Color - Resin
Natural
Flammability
94V-0
Gender
N/A
Lock to Mating Part
Yes
Material - Metal
Brass
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
Polyester
Number of Rows
1
Packaging Type
Bag
Plating min: Mating (µin)
40
Plating min: Mating (µm)
1.00
Plating min: Termination (µin)
40
Plating min: Termination (µm)
1.00
Polarized to Mating Part
Yes
Temperature Range - Operating
-40°C to +105°C
Electrical
Current - Maximum per Contact
2A
Material Info
Reference - Drawing Numbers
Product Specification
PS-51090-003, PS-53358-001, RPS-53358-001
Sales Drawing
SD-53358-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
53358Series
Use With
51090 Crimp Housing, 52484 IDT Housing
This document was generated on 04/16/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0533580940

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0533580240 MOLEX7-0533580240 Datasheet
142Kb / 2P
   2.00mm (.049") Pitch Mi II??Wire-to-Wire Adapter, 2 Circuits, Lead-free
0533580250 MOLEX7-0533580250 Datasheet
114Kb / 2P
   2.00mm (.049") Pitch Mi II??Wire-to-Wire Adapter, 2 Circuits, Lead-free, without PanelLock
0533580340 MOLEX7-0533580340 Datasheet
142Kb / 2P
   2.00mm (.049") Pitch Mi II??Wire-to-Wire Adapter, 3 Circuits, Lead-free
0533580350 MOLEX7-0533580350 Datasheet
114Kb / 2P
   2.00mm (.049") Pitch Mi II??Wire-to-Wire Adapter, 3 Circuits, Lead-free, without PanelLock
0533580440 MOLEX7-0533580440 Datasheet
142Kb / 2P
   2.00mm (.049") Pitch Mi II??Wire-to-Wire Adapter, 4 Circuits, Lead-free
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com