Electronic Components Datasheet Search |
|
RE5RE37AA-T1 Datasheet(PDF) 6 Page - RICOH electronics devices division |
|
RE5RE37AA-T1 Datasheet(HTML) 6 Page - RICOH electronics devices division |
6 / 20 page 5 ELECTRICAL CHARACTERISTICS Symbol Item VOUT Output Voltage IOUT Output Current ∆VOUT Load Regulation ∆IOUT VDIF Dropout Voltage ISS Quiescent Current ∆VOUT ∆VIN Line Regulation VIN Input Voltage Ilim Current Limit ∆VOUT Output Voltage ∆Topt Temperature Coefficient Conditions MIN. TYP. MAX. Unit VIN=4.0V,IOUT=10mA 1.950 2.000 2.050 V VIN=4.0V 40 60 mA VIN=4.0V 1mA ≤IOUT≤50mA 40 80 mV IOUT=30mA 0.5 0.7 V VIN=4.0V 1.0 3.0 µA IOUT=10mA VOUT+1.0V ≤VIN≤10V 0.1 %/V 10 V 240 mA IOUT=10mA ±100 ppm/˚C –40˚C ≤Topt≤85˚C Topt=25˚C • R ×5RE30A Topt=25˚C R ×5RE Symbol Item VOUT Output Voltage IOUT Output Current ∆VOUT Load Regulation ∆IOUT VDIF Dropout Voltage ISS Quiescent Current ∆VOUT ∆VIN Line Regulation VIN Input Voltage Ilim Current Limit ∆VOUT Output Voltage ∆Topt Temperature Coefficient Conditions MIN. TYP. MAX. Unit VIN=5.0V,IOUT=10mA 2.925 3.000 3.075 V VIN=5.0V 50 80 mA VIN=5.0V 1mA ≤IOUT≤60mA 40 80 mV IOUT=40mA 0.5 0.7 V VIN=5.0V 1.1 3.3 µA IOUT=10mA VOUT+1.0V ≤VIN≤10V 0.1 %/V 10 V 240 mA IOUT=10mA ±100 ppm/˚C –40˚C ≤Topt≤85˚C |
Similar Part No. - RE5RE37AA-T1 |
|
Similar Description - RE5RE37AA-T1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |