Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0556500488 Datasheet(PDF) 4 Page - Molex Electronics Ltd.

Part # 0556500488
Description  0.50mm (.020") Pitch SlimStack??Plug, Surface Mount, Dual Row, Vertical, 2.00mm (.079") Stack Height, with Solder Tab, 40 Circuits, Lead-free
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

0556500488 Datasheet(HTML) 4 Page - Molex Electronics Ltd.

  0556500488 Datasheet HTML 1Page - Molex Electronics Ltd. 0556500488 Datasheet HTML 2Page - Molex Electronics Ltd. 0556500488 Datasheet HTML 3Page - Molex Electronics Ltd. 0556500488 Datasheet HTML 4Page - Molex Electronics Ltd. 0556500488 Datasheet HTML 5Page - Molex Electronics Ltd. 0556500488 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image


Similar Part No. - 0556500488

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0556500288 MOLEX7-0556500288 Datasheet
363Kb / 6P
   0.50mm (.020") Pitch SlimStack??Plug, Surface Mount, Dual Row, Vertical, 2.00mm(.079") Stack Height, with Solder Tab, 20 Circuits, Lead-free
0556500388 MOLEX7-0556500388 Datasheet
363Kb / 6P
   0.50mm (.020") Pitch SlimStack??Plug, Surface Mount, Dual Row, Vertical, 2.00mm (.079") Stack Height, with Solder Tab, 30 Circuits, Lead-free
0556500588 MOLEX7-0556500588 Datasheet
363Kb / 6P
   0.50mm (.020") Pitch SlimStack??Plug, Surface Mount, Dual Row, Vertical, 2.00mm079") Stack Height, with Solder Tab, 50 Circuits, Lead-free
0556500688 MOLEX7-0556500688 Datasheet
363Kb / 6P
   0.50mm (.020") Pitch SlimStack??Plug, Surface Mount, Dual Row, Vertical, 2.00mm(.079") Stack Height, with Solder Tab, 60 Circuits, Lead-free
0556500788 MOLEX7-0556500788 Datasheet
363Kb / 6P
   0.50mm (.020") Pitch SlimStack??Plug, Surface Mount, Dual Row, Vertical, 2.00mm (.079") Stack Height, with Solder Tab, 70 Circuits, Lead-free
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com