Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0673298000 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0673298000
Description  Universal Serial Bus (USB) Shielded I/O Receptacle, Type A, Single Upright RightAngle, Solder Tail Length 2.00mm (.079"), Kinked Pins, PCB Thickness 1.20mm (.045")and 1.60mm (.062"), Gold (Au) Flash, Lead Free
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

0673298000 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0673298000 Datasheet HTML 1Page - Molex Electronics Ltd. 0673298000 Datasheet HTML 2Page - Molex Electronics Ltd. 0673298000 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical
Current - Maximum per Contact
1A
Shield Type
Full Shield
Shielded
Yes
Material Info
Reference - Drawing Numbers
Product Specification
PS-89485
Sales Drawing
SD-67329-801
This document was generated on 03/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0673298000

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0673298000 MOLEX1-0673298000 Datasheet
32Kb / 2P
   Universal Serial Bus (USB) Shielded I/O Receptacle, Type A, Single Upright Right-Angle, Solder Tail Length 2.00mm, Kinked Pins, PCB Thickness 1.20mm and 1.60mm
0673298000 MOLEX1-0673298000_18 Datasheet
32Kb / 2P
   Universal Serial Bus (USB) Shielded I/O Receptacle, Type A, Single Upright Right-Angle, Solder Tail Length 2.00mm, Kinked Pins, PCB Thickness 1.20mm and 1.60mm
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com