Electronic Components Datasheet Search |
|
51300-0414 Datasheet(PDF) 1 Page - Molex Electronics Ltd. |
|
51300-0414 Datasheet(HTML) 1 Page - Molex Electronics Ltd. |
1 / 6 page This document was generated on 04/12/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 0513000414 Status: Active Description: CRC™ Shielded Rectangular I/O Receptacle Housing for Female Terminal, Power, 4 Circuits, Polarization Type D, Polarization Position B-2 Documents: Drawing (PDF) Product Specification PS-51300-005 (PDF) Product Specification PS-51300-004 (PDF) RoHS Certificate of Compliance (PDF) Agency Certification CSA LR19980 TUV R72081037 UL E29179 General Product Family I/O Connectors Series 51300 Application Panel-Mount, Wire-to-Wire Component Type Housing Product Name CRC™ Type N/A Physical Boot Color N/A Circuits (Loaded) N/A Circuits (maximum) 4 Color - Resin Black Durability (mating cycles max) 100 Flammability 94V-0 Gender Female Keying to Mating Part Yes Lock to Mating Part Yes Material - Metal Stainless Steel Material - Plating Mating n/a Material - Resin Polyester Number of Rows 2 Orientation Vertical PCB Locator No Packaging Type Tray Panel Mount Front, Rear Pitch - Mating Interface (in) 0.189 In Pitch - Mating Interface (mm) 4.80 mm Pitch - Term. Interface (in) 0.189 In Pitch - Term. Interface (mm) 4.80 mm Polarized to Mating Part Yes Polarized to PCB N/A Ports 1 Surface Mount Compatible (SMC) No Temperature Range - Operating -40°C to +105°C Termination Interface: Style N/A Waterproof / Dustproof No Electrical Current - Maximum per Contact 15A Voltage - Maximum 250V AC (RMS)/DC Material Info Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 51300Series Mates With 55887 plug assembly set, 55891 plug housing Use With 56377-120* receptacle shell, 56194 female terminal |
Similar Part No. - 51300-0414 |
|
Similar Description - 51300-0414 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |