Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0520892419 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0520892419
Description  1.00mm (.039") Pitch FFC/FPC Connector, Through-Hole, Right Angle, Low ProfileZIF, Top Contact Style Receptacle, 24 Circuits, Lead-free
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

0520892419 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0520892419 Datasheet HTML 1Page - Molex Electronics Ltd. 0520892419 Datasheet HTML 2Page - Molex Electronics Ltd. 0520892419 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 06/04/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0520892419
Status:
Active
Overview:
Description:
1.00mm (.039") Pitch FFC/FPC Connector, Through-Hole, Right Angle, Low Profile,
ZIF, Top Contact Style Receptacle, 24 Circuits, Lead-free
General
Product Family
FFC/FPC Connectors
Series
52089
Overview
ffc_fpc_throughhole
Product Name
N/A
Physical
Circuits (Loaded)
24
Color - Resin
Natural
Contact Position
Top
Durability (mating cycles max)
20
Entry Angle
90° Angle
Mated Height (in)
0.118 In
Mated Height (mm)
3.00 mm
Material - Metal
Phosphor Bronze
Material - Plating Mating
Tin-Bismuth
Material - Plating Termination
Tin-Bismuth
Material - Resin
Nylon, Polyester
Number of Rows
1
Orientation
Right Angle
PC Tail Length (in)
0.079 In
PC Tail Length (mm)
2.00 mm
PCB Retention
None
PCB Thickness Recommended (in)
0.024 In
PCB Thickness Recommended (mm)
0.60 mm
Packaging Type
Tray
Pitch - Mating Interface (in)
0.039 In
Pitch - Mating Interface (mm)
1.00 mm
Plating min: Mating (µin)
40
Plating min: Mating (µm)
1
Plating min: Termination (µin)
40
Plating min: Termination (µm)
1
Polarized to PCB
No
Stackable
No
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-20°C to +80°C
Termination Interface: Style
Through Hole
Wire/Cable Type
FFC/FPC
Electrical
Current - Maximum per Contact
0.2A, 0.4A, 0.5A
Voltage - Maximum
50V
Material Info
Reference - Drawing Numbers
Packaging Specification
SPK-52089-001
Product Specification
PS-52089-013, RPS-52089-011, RPS-52089-014
Sales Drawing
SD-52089-001
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
52089Series


Similar Part No. - 0520892419

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0520892019 MOLEX7-0520892019 Datasheet
134Kb / 3P
   1.00mm (.039") Pitch FFC/FPC Connector, Through-Hole, Right Angle, Low Profile ZIF, Top Contact Style Receptacle, 20 Circuits, Lead-free
0520892119 MOLEX7-0520892119 Datasheet
134Kb / 3P
   1.00mm (.039") Pitch FFC/FPC Connector, Through-Hole, Right Angle, Low ProfileZIF, Top Contact Style Receptacle, 21 Circuits, Lead-free
0520892219 MOLEX7-0520892219 Datasheet
134Kb / 3P
   1.00mm (.039") Pitch FFC/FPC Connector, Through-Hole, Right Angle, Low Profile,ZIF, Top Contact Style Receptacle, 22 Circuits, Lead-free
0520892319 MOLEX7-0520892319 Datasheet
134Kb / 3P
   1.00mm (.039") Pitch FFC/FPC Connector, Through-Hole, Right Angle, Low Profile,ZIF, Top Contact Style Receptacle, 23 Circuits, Lead-free
0520892519 MOLEX7-0520892519 Datasheet
134Kb / 3P
   1.00mm (.039") Pitch FFC/FPC Connector, Through-Hole, Right Angle, Low ProfileZIF, Top Contact Style Receptacle, 25 Circuits, Lead-free
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com