Electronic Components Datasheet Search |
|
0559173210 Datasheet(PDF) 1 Page - Molex Electronics Ltd. |
|
0559173210 Datasheet(HTML) 1 Page - Molex Electronics Ltd. |
1 / 4 page This document was generated on 06/07/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 0559173210 Status: Active Overview: microclasp Description: 2.00mm (.079") Pitch MicroClasp™ Wire-to-Board Header, Dual Row, Vertical, 32 Circuits, with PCB Locator Documents: 3D Model Product Specification PS-51353-003 (PDF) Drawing (PDF) RoHS Certificate of Compliance (PDF) Agency Certification UL E29179 General Product Family PCB Headers Series 55917 Application Wire-to-Board Overview microclasp Product Name MicroClasp™ Physical Breakaway No Circuits (Loaded) 32 Circuits (maximum) 32 Color - Resin Natural Durability (mating cycles max) 30 First Mate / Last Break No Flammability 94V-0 Glow-Wire Compliant No Guide to Mating Part No Keying to Mating Part None Lock to Mating Part Yes Material - Plating Mating Tin Material - Plating Termination Tin Material - Resin Polyester Number of Rows 2 Orientation Vertical PC Tail Length (in) 0.126 In PC Tail Length (mm) 3.20 mm PCB Locator Yes PCB Retention Yes PCB Thickness Recommended (in) 0.062 In PCB Thickness Recommended (mm) 1.60 mm Packaging Type Tray Pitch - Mating Interface (in) 0.079 In Pitch - Mating Interface (mm) 2.00 mm Shrouded Fully Stackable No Surface Mount Compatible (SMC) No Temperature Range - Operating -25°C to +85°C Termination Interface: Style Through Hole Electrical Current - Maximum per Contact 3A Voltage - Maximum 250V Material Info Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 55917Series Mates With 51353 MicroClasp™ Wire-to-Board Receptacle Housing |
Similar Part No. - 0559173210 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |