Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

52830-4412 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 52830-4412
Description  Modular Jack, Right Angle, 4/2, 0.10關m (4關") Gold (Au) Plating, with Beveled MetalPins, Tray Packaging, Lead-free
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

52830-4412 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  52830-4412 Datasheet HTML 1Page - Molex Electronics Ltd. 52830-4412 Datasheet HTML 2Page - Molex Electronics Ltd. 52830-4412 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Current - Maximum per Contact
1.2A
Shielded
No
Voltage - Maximum
125V AC (RMS)/DC
Material Info
Reference - Drawing Numbers
Product Specification
PS-52830-002, PS-52830-003, RPS-52830-001
Sales Drawing
SD-52830-001
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 52830-4412

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
52830-4422 MOLEX7-52830-4422 Datasheet
124Kb / 3P
   Modular Jack, Right Angle, 4/4, 0.38關m (15關") Gold (Au) Plating, with Beveled MetalPins, Tray Packaging, Lead-free
52830-4432 MOLEX7-52830-4432 Datasheet
124Kb / 3P
   Modular Jack, Right Angle, 4/4, 0.76關m (30關") Gold (Au) Plating, with Beveled MetalPins, Tray Packaging, Lead-free
52830-4442 MOLEX7-52830-4442 Datasheet
125Kb / 3P
   Modular Jack, Right Angle, 4/4 Circuits, 1.3關m (50關") Gold (Au) Selective Plating, withBeveled Metal Pins, Tray Packaging, Lead-free
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com