Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0533240960 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0533240960
Description  2.00mm (.079") Pitch Mi ll??System Wire-to-Board Header, Single Row, Vertical, Leadfree,9 Circuits
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

0533240960 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0533240960 Datasheet HTML 1Page - Molex Electronics Ltd. 0533240960 Datasheet HTML 2Page - Molex Electronics Ltd. 0533240960 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
2A
Voltage - Maximum
125V
Material Info
Reference - Drawing Numbers
Product Specification
PS-51090-016, PS-52484-021, RPS-51090-001,
RPS-51090-017, RPS-51090-022, RPS-52484-022,
RPS-52484-025, RPS-52484-026, RPS-53324-001
Sales Drawing
SD-53324-003
This document was generated on 04/16/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0533240960

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0533240260 MOLEX7-0533240260 Datasheet
126Kb / 3P
   2.00mm (.079") Pitch Mi ll??System Wire-to-Board Header, Single Row, Vertical, Leadfree
0533240360 MOLEX7-0533240360 Datasheet
126Kb / 3P
   2.00mm (.079") Pitch Mi ll??System Wire-to-Board Header, Single Row, Vertical, Leadfree 3 Circuits
0533240460 MOLEX7-0533240460 Datasheet
126Kb / 3P
   2.00mm (.079") Pitch Mi ll??System Wire-to-Board Header, Single Row, Vertical, Leadfree4 Circuits
0533240560 MOLEX7-0533240560 Datasheet
126Kb / 3P
   2.00mm (.079") Pitch Mi ll??System Wire-to-Board Header, Single Row, Vertical, Leadfree5 Circuits
0533240660 MOLEX7-0533240660 Datasheet
126Kb / 3P
   2.00mm (.079") Pitch Mi ll??System Wire-to-Board Header, Single Row, Vertical, Leadfree6 Circuits
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com