Electronic Components Datasheet Search |
|
52044-2645 Datasheet(PDF) 1 Page - Molex Electronics Ltd. |
|
52044-2645 Datasheet(HTML) 1 Page - Molex Electronics Ltd. |
1 / 2 page This document was generated on 06/04/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 0520442645 Status: Active Overview: Description: 1.25mm (.049") Right Angle, Non-ZIF, Top Contact Style Receptacle, 26 Circuits Agency Certification UL E29179 General Product Family FFC/FPC Connectors Series 52044 Overview ffc_fpc_throughhole Product Name N/A Physical Circuits (Loaded) 26 Contact Position Top Entry Angle 90° Angle Flammability 94V-0 Mated Height (in) 0.201 In Mated Height (mm) 5.10 mm Number of Rows 1 Orientation Right Angle PC Tail Length (in) 0.138 In PC Tail Length (mm) 3.50 mm PCB Retention None Packaging Type Tray Pitch - Mating Interface (in) 0.049 In Pitch - Mating Interface (mm) 1.25 mm Polarized to PCB Yes Stackable No Surface Mount Compatible (SMC) No Temperature Range - Operating -40°C to +85°C Termination Interface: Style Through Hole Wire/Cable Type FFC/FPC Electrical Current - Maximum per Contact 0.5A, 1A Voltage - Maximum 200V Material Info Reference - Drawing Numbers Packaging Specification SPK-52044 Product Specification PS-52044-002, RPS-52044-003, RPS-52044-005, RPS-52044-006, RPS-52044-008 Sales Drawing SD-52044-**45 EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 52044Series This document was generated on 06/04/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Similar Part No. - 52044-2645 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |