Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0579649702 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0579649702
Description  1.52mm (.060") OBD-;II Male Terminal for AVS(CAVS) 0.3-0.5
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

0579649702 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0579649702 Datasheet HTML 1Page - Molex Electronics Ltd. 0579649702 Datasheet HTML 2Page - Molex Electronics Ltd. 0579649702 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
T2 Terminator for
OBD II 1.52mm
(.060") Crimp
Terminal for 20-22
AWG
0639111200
Extraction Tool
0638132700
This document was generated on 03/29/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0579649702

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0579158001 MOLEX7-0579158001 Datasheet
110Kb / 2P
   2.50mm (.098") Pitch Wire-to-Board Terminal, 2.30 to 2.80mm (.091 to .110") StripLength, Phosphor Bronze
0579196702 MOLEX7-0579196702 Datasheet
115Kb / 2P
   1.52mm (.060") OBD-II Male Terminal for AVS(CAVS) 0.3-0.5 mm짼;
0579196802 MOLEX7-0579196802 Datasheet
115Kb / 2P
   2.29mm (.090") Tab Width Male Terminal, for AVS (CAVS) 0.85-1.25 mm짼
0579196902 MOLEX7-0579196902 Datasheet
115Kb / 2P
   2.29mm (.090") Tab Width Male Terminal, for AVSS 2f mm짼;
0579206002 MOLEX7-0579206002 Datasheet
122Kb / 2P
   2.29mm (.090") Diameter Pin Cluster Block Connector Terminal, Wire Range AWG
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com