Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0534260710 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0534260710
Description  2.50mm (.098") Pitch Mini-Lock??Wire-to-Board Header, Right Angle, Friction andPositive Lock, 7 Circuits, Lead-free
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

0534260710 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0534260710 Datasheet HTML 1Page - Molex Electronics Ltd. 0534260710 Datasheet HTML 2Page - Molex Electronics Ltd. 0534260710 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0534260710
Status:
Active
Overview:
minilock
Description:
2.50mm (.098") Pitch Mini-Lock™ Wire-to-Board Header, Right Angle, Friction and
Positive Lock, 7 Circuits, Lead-free
Documents:
3D Model
Product Specification PS-51103-007 (PDF)
Drawing (PDF)
Product Specification PS-51163-001 (PDF)
Product Specification PS-51102-002 (PDF)
Product Specification PS-51163-002 (PDF)
Product Specification PS-51103-005 (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
TUV
R72081037
UL
E29179
General
Product Family
PCB Headers
Series
53426
Application
Wire-to-Board
MolexKits
Yes
Overview
minilock
Product Name
Mini-Lock™
Physical
Breakaway
No
Circuits (Loaded)
7
Circuits (maximum)
7
Color - Resin
White
Durability (mating cycles max)
30
Flammability
94V-0
Glow-Wire Compliant
No
Keying to Mating Part
Yes
Lock to Mating Part
Yes
Material - Metal
Phosphor Bronze
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Number of Rows
1
Orientation
Right Angle
PC Tail Length (in)
0.134 In
PC Tail Length (mm)
3.40 mm
PCB Locator
No
PCB Retention
Yes
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Tray
Pitch - Mating Interface (in)
0.098 In
Pitch - Mating Interface (mm)
2.50 mm
Polarized to PCB
No
Shrouded
Fully
Stackable
No
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-40°C to +105°C
Termination Interface: Style
Through Hole
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
53426Series
Mates With
51102 Housing with Friction Lock. 51103
Housing with Positive Lock. 51163 , 51164
Housing with Positive Lock and Retainer.
50351 Crimp Terminal. 50752 Crimp
Terminal


Similar Part No. - 0534260710

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0534260790 MOLEX7-0534260790 Datasheet
307Kb / 4P
   2.50mm (.098") Pitch Mini-Lock??Wire-to-Board Header, Right Angle, Friction and Positive Lock, Radial Tape Packaging, 7 Circuits, Lead-free
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com