Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0537800770 Datasheet(PDF) 6 Page - Molex Electronics Ltd.

Part # 0537800770
Description  1.25mm (.049") Pitch PanelMate??Header, Surface Mount, Right Angle, 1.90mm(.075") Height, Lead-free, 7 Circuits
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

0537800770 Datasheet(HTML) 6 Page - Molex Electronics Ltd.

  0537800770 Datasheet HTML 1Page - Molex Electronics Ltd. 0537800770 Datasheet HTML 2Page - Molex Electronics Ltd. 0537800770 Datasheet HTML 3Page - Molex Electronics Ltd. 0537800770 Datasheet HTML 4Page - Molex Electronics Ltd. 0537800770 Datasheet HTML 5Page - Molex Electronics Ltd. 0537800770 Datasheet HTML 6Page - Molex Electronics Ltd. 0537800770 Datasheet HTML 7Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image


Similar Part No. - 0537800770

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0537800270 MOLEX7-0537800270 Datasheet
439Kb / 7P
   1.25mm (.049") Pitch PanelMate??Header, Surface Mount, Right Angle, 1.90mm(.075") Height, Lead-free, 2 Circuits
0537800370 MOLEX7-0537800370 Datasheet
439Kb / 7P
   1.25mm (.049") Pitch PanelMate??Header, Surface Mount, Right Angle, 1.90mm(.075") Height, Lead-free, 3 Circuits
0537800470 MOLEX7-0537800470 Datasheet
439Kb / 7P
   1.25mm (.049") Pitch PanelMate??Header, Surface Mount, Right Angle, 1.90mm(.075") Height, Lead-free, 4 Circuits
0537800570 MOLEX7-0537800570 Datasheet
439Kb / 7P
   1.25mm (.049") Pitch PanelMate??Header, Surface Mount, Right Angle, 1.90mm 075") Height, Lead-free, 5 Circuits
0537800670 MOLEX7-0537800670 Datasheet
439Kb / 7P
   1.25mm (.049") Pitch PanelMate??Header, Surface Mount, Right Angle, 1.90mm(.075") Height, Lead-free, 6 Circuits
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com