Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

51353-3200 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 51353-3200
Description  2.00mm (.079") Pitch MicroClasp??Wire-to-Board Receptacle Housing, Positive LockDual Row, 32 circuits
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

51353-3200 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  51353-3200 Datasheet HTML 1Page - Molex Electronics Ltd. 51353-3200 Datasheet HTML 2Page - Molex Electronics Ltd. 51353-3200 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 06/01/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0513533200
Status:
Active
Overview:
microclasp
Description:
2.00mm (.079") Pitch MicroClasp™ Wire-to-Board Receptacle Housing, Positive Lock,
Dual Row, 32 circuits
Documents:
3D Model
Product Specification PS-51353-003 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
UL
E29179
General
Product Family
Crimp Housings
Series
51353
Overview
microclasp
Product Name
MicroClasp™
Physical
Circuits (maximum)
32
Color - Resin
White
Flammability
94V-0
Gender
Female
Glow-Wire Compliant
No
Lock to Mating Part
Yes
Material - Resin
Nylon
Number of Rows
2
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface (in)
0.079 In
Pitch - Mating Interface (mm)
2.00 mm
Stackable
No
Temperature Range - Operating
-25°C to +85°C
Material Info
Reference - Drawing Numbers
Packaging Specification
SPK-51353-001
Product Specification
PS-51353-003, RPS-501844-001, RPS-51353-008,
RPS-51353-009, RPS-51353-010, RPS-51353-013,
RPS-51353-014, RPS-51353-016, RPS-51353-017,
RPS-51353-018, RPS-51353-019, RPS-51353-020,
RPS-51353-022, RPS-51353-024, RPS-51353-025,
RPS-51353-026, RPS-51353-030
Sales Drawing
SD-51353-002
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
51353Series
Mates With
55917 Vertical Header with Kinked PC Tails,
55959 Right Angle Header, 501844 Vertical
Header
Use With
56134 Terminal
This document was generated on 06/01/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 51353-3200

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
51353-3200 MOLEX11-51353-3200 Datasheet
43Kb / 1P
   2.00mm Pitch MicroClasp??Wire-to-Board Receptacle Housing, Positive Lock, Dual
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com